Electronic Components Datasheet Search
  English  ▼

X  

LT4180 Datasheet(PDF) 23 Page - Analog Devices

Part # LT4180
Description  5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4180 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT4180 Datasheet HTML 19Page - Analog Devices LT4180 Datasheet HTML 20Page - Analog Devices LT4180 Datasheet HTML 21Page - Analog Devices LT4180 Datasheet HTML 22Page - Analog Devices LT4180 Datasheet HTML 23Page - Analog Devices LT4180 Datasheet HTML 24Page - Analog Devices LT4180 Datasheet HTML 25Page - Analog Devices LT4180 Datasheet HTML 26Page - Analog Devices LT4180 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
LT8698S/LT8698S-1
23
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
current into a tight local loop, minimizing EMI. A second
precaution regarding the ceramic input capacitor con-
cerns the maximum input voltage rating of the LT8698S.
A ceramic input capacitor combined with trace or cable
inductance forms a high quality (under damped) tank cir-
cuit. If the LT8698S circuit is plugged into a live supply, the
input voltage can ring to twice its nominal value, possibly
exceeding the LT8698S’s voltage rating. This situation is
easily avoided (see ADI Application Note 88).
Output Capacitor and Output Ripple
The output capacitor COUT tied from the OUT/ISP pin to
ground has two essential functions. Along with the induc-
tor, it filters the square wave generated by the LT8698S
to produce the DC output. In this role it determines the
output ripple, thus low impedance at the switching fre-
quency is important. The second function is to store
energy in order to satisfy transient loads and stabilize
the LT8698S’s control loop. Ceramic capacitors have very
low equivalent series resistance (ESR) and provide the
best ripple performance. For good starting values, see
the Typical Applications section.
On a switching regulator with fixed output voltage, tran-
sient performance can generally be improved with a
higher value output capacitor. However, the LT8698S’s
cable drop compensation feature changes the local output
voltage in response to a load step. Since transient load
steps require the LT8698S to slew COUT, larger COUT in
this case can degrade transient response. Only remote
capacitance tied at the end of the cable near the USB
socket can improve transient response. The minimum
local output capacitance required for LT8698S loop stabil-
ity and for output voltage ripple requirements is the best
choice for COUT. See the Typical Applications section in
this data sheet for suggested capacitor values.
The USB 2.0 specification document requires a minimum
of 120µF low-ESR capacitor be tied from VBUS to ground
on a hub. Since the downstream device fixed VBUS capaci-
tance is limited to a maximum of 10µF, this minimum
120µF VBUS capacitance prevents hot plugging of one
downstream device from glitching the VBUS and disrupt-
ing another connected device. If the LT8698S is powering
VBUS on a hub, then this requirement can be satisfied
with extra COUT tied from either OUT/ISP to ground. There
must always be a minimum of 22µF capacitance tied from
OUT/ISP to ground.
Keep the capacitance tied to the BUS/ISN node lower in
magnitude than the capacitance tied to the OUT/ISP node.
Large BUS/ISN node capacitance to ground degrades the
regulator loop phase margin and gives poor cable drop
compensation transient response. If an output capaci-
tance much larger than 22µF is desired, tie this capacitor
to the OUT/ISP node, not to the BUS/ISN node.
When choosing a capacitor, special attention should be
given to the effective capacitance under the relevant oper-
ating conditions of voltage bias and temperature. A physi-
cally larger capacitor or one with a higher voltage rating
may be required.
Ceramic Capacitors
Ceramic capacitors are small, robust and have very low
ESR. However, ceramic capacitors can cause problems
when used with the LT8698S due to their piezoelectric
nature. In pulse-skipping mode operation, the LT8698S’s
switching frequency depends on the load current, and
at very light loads the LT8698S can excite the ceramic
capacitor at audio frequencies, generating audible noise.
Since the LT8698S operates at a lower current limit during
pulse-skipping operation, the noise is typically very quiet
to a casual ear. If this is unacceptable, use a high perfor-
mance tantalum or electrolytic capacitor at the output.
Low noise ceramic capacitors are also available.
Table 5. Ceramic Capacitor Manufacturers
VENDOR
WEBSITE
Taiyo Yuden
www.ty-top.com
AVX
www.avxcorp.com
Murata
www.murata.com
TDK
www.tdk.com
EN/UV Pin
The LT8698S is in shutdown when the EN/UV pin is
< 0.25V and active when the pin is high. The falling thresh-
old of the EN/UV comparator is 1.31V, with 150mV of
hysteresis. The EN/UV pin can be tied to VIN if the shut-
down feature is not used, or driven to the desired logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com