Electronic Components Datasheet Search
  English  ▼

X  

8070091 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8070091
Description  Vacuum generator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8070091 Datasheet(HTML) 1 Page - Festo Corporation.

  8070091 Datasheet HTML 1Page - Festo Corporation. 8070091 Datasheet HTML 2Page - Festo Corporation. 8070091 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Vacuum generator
OVEM-20-H-C-QO-CE-N-1P
Part number: 8070091
Data sheet
Feature
Value
KC characters
KC EMC
Nominal width of Laval nozzle
2 mm
Width dimension
36 mm
Type code
OVEM
Muffler construction type
Open
Mounting position
Any
Ejector characteristics
High vacuum
Standard
Grade of filtration
40 µm
Manual override
Non-detenting
Integrated function
Ejector pulse valve, electric
Flow control
Shut off valve, electric
Compressed air filter
Non-return valve
Pneumatic muffler open
Vacuum switch
Design
Modular
Short-circuit protection
yes
Measured variable
Relative pressure
Measuring principle
Piezoresistive
Switching element function
N/O contact
Switching function
Threshold value comparator
Threshold value with fixed hysteresis
Symbol
00992094
Valve function
Closed
Reverse polarity protection
for all electrical connections
Switching input to standard
IEC 61131-2
Display type
LED
Setting range threshold value
-1 bar ... 0 bar
Setting options
Teach-in
Switching position indication
LED
Switching status indication
Optical
Operating pressure
2 bar ... 8 bar
Operating pressure for max. vacuum
4 bar
Max. vacuum
93 %
Nominal operating pressure
6 bar
Max. suction rate with respect to atmosphere
98 l/min
3/7/21 - Subject to change - Festo AG & Co. KG
1/3


Similar Part No. - 8070091

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8070092 FESTO-8070092 Datasheet
92Kb / 3P
Vacuum generator
8070093 FESTO-8070093 Datasheet
92Kb / 3P
Vacuum generator
8070094 FESTO-8070094 Datasheet
92Kb / 3P
Vacuum generator
8070095 FESTO-8070095 Datasheet
92Kb / 3P
Vacuum generator
8070096 FESTO-8070096 Datasheet
92Kb / 3P
Vacuum generator
More results

Similar Description - 8070091

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VN-10-H-T3-PI4-VI4-RI4 FESTO-VN-10-H-T3-PI4-VI4-RI4 Datasheet
81Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VA5-RQ3 FESTO-VN-10-L-T4-PQ2-VA5-RQ3 Datasheet
85Kb / 1P
Vacuum generator
VN-10-L-T4-PQ2-VQ2-O2-P FESTO-VN-10-L-T4-PQ2-VQ2-O2-P Datasheet
94Kb / 2P
Vacuum generator
VN-10-L-T4-PQ2-VQ3-RQ3 FESTO-VN-10-L-T4-PQ2-VQ3-RQ3 Datasheet
88Kb / 1P
Vacuum generator
VN-14-H-T4-PI4-VI5-RI5 FESTO-VN-14-H-T4-PI4-VI5-RI5 Datasheet
80Kb / 1P
Vacuum generator
VN-14-H-T4-PQ2-VQ3-RQ3 FESTO-VN-14-H-T4-PQ2-VQ3-RQ3 Datasheet
89Kb / 1P
Vacuum generator
VN-14-L-T4-PQ2-VQ3-RQ3 FESTO-VN-14-L-T4-PQ2-VQ3-RQ3 Datasheet
86Kb / 1P
Vacuum generator
VN-14-L-T4-PQ3-VQ3-RO2-A FESTO-VN-14-L-T4-PQ3-VQ3-RO2-A Datasheet
94Kb / 2P
Vacuum generator
VADMI-140 FESTO-VADMI-140 Datasheet
95Kb / 2P
Vacuum generator
VADMI-140-N FESTO-VADMI-140-N Datasheet
97Kb / 2P
Vacuum generator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com