Electronic Components Datasheet Search
  English  ▼

X  

8070091 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8070091
Description  Vacuum generator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8070091 Datasheet(HTML) 2 Page - Festo Corporation.

  8070091 Datasheet HTML 1Page - Festo Corporation. 8070091 Datasheet HTML 2Page - Festo Corporation. 8070091 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
Air supply time at nominal operating pressure
0.2 s
DC operating voltage range
20.4 V ... 27.6 V
Duty cycle
100%
Inductive protective circuit
Adapted to MZ, MY and ME coils
Insulation voltage
50 V
Idle current
<80 mA
Max. output current
100 mA
Residual current
0.1 mA
Switching output
PNP
Voltage drop
≤1.5 V
Coil characteristics
24 V DC: low-current phase 0.3 W, high-current phase 2.55 W
Surge resistance
0.8 kV
Overload protection
Available
Contamination level
3
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication not possible
CE marking (see declaration of conformity)
As per EU EMC directive
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Temperature of medium
0 °C ... 50 °C
Relative air humidity
5 - 85 %
Noise level at nominal operating pressure
62 dB(A)
Degree of protection
IP65
Protection class
III
Ambient temperature
0 °C ... 50 °C
Certification
RCM compliance mark
Max. tightening torque
0.8 Nm with internal thread
2.5 Nm with through-hole
Product weight
815 g
Pressure measuring range
-1 bar ... 0 bar
Accuracy in ± % FS
0.5 %FS
Hysteresis
0.02 bar
Reproducibility, switching value FS
0.6 %
Input switching logic
PNP (positive switching)
Electrical connection
5-pin
M12x1
Plug
Type of mounting
With through-hole
With internal thread
With accessories
Pneumatic connection 1
QS-1/4
Pneumatic connection 3
Pneumatic muffler
Vacuum connection
QS-12
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Seals material
HNBR
NBR
Female nozzle material
POM
Compressed air filter material
Fabric
PA
Sintered steel
Material of filter housing
PA-reinforced
Housing material
Wrought aluminum alloy
PA-reinforced
Material of adjusting screw
Steel
3/7/21 - Subject to change - Festo AG & Co. KG
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com