Electronic Components Datasheet Search
  English  ▼

X  

2SC1317 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 2SC1317
Description  Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC1317 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  2SC1317 Datasheet HTML 1Page - Panasonic Semiconductor 2SC1317 Datasheet HTML 2Page - Panasonic Semiconductor 2SC1317 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Transistors
2SC1317, 2SC1318
3
1
10
0
200
160
120
80
40
180
140
100
60
20
VCE
= 10 V
102
103
104
Ambient temperature T
a (°C)
0.001
0.003
0.1
0.3
0.01
0.03
0.1
0.3
1
3
10
1
3
10
30
100
t
= 1 s
DC
ICP
IC
Single pulse
Ta
= 25°C
Collector to emitter voltage V
CE (V)
t
= 10 ms
Area of safe operation (ASO)
ICEO  Ta



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com