Electronic Components Datasheet Search
  English  ▼

X  

2SC1317 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC1317
Description  Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC1317 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC1317 Datasheet HTML 1Page - Panasonic Semiconductor 2SC1317 Datasheet HTML 2Page - Panasonic Semiconductor 2SC1317 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transistors
1
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector cutoff current
ICBO
VCB
= 20 V, I
E
= 0
0.1
µA
Collector to
2SC1317
VCBO
IC = 10 µA, IE = 030
V
base voltage
2SC1318
60
Collector to
2SC1317
VCEO
IC
= 10 mA, I
B
= 025
V
emitter voltage
2SC1318
50
Emitter to base voltage
VEBO
IE
= 10 µA, I
C
= 07
V
Forward current transfer ratio *
1
hFE1 *
2
VCE
= 10 V, I
C
= 150 mA
85
340
hFE2
VCE = 10 V, IC = 500 mA
40
Collector to emitter saturation voltage *
1
VCE(sat)
IC
= 300 mA, I
B
= 30 mA
0.35
0.6
V
Base to emitter saturation voltage *
1
VBE(sat)
IC
= 300 mA, I
B
= 30 mA
1.1
1.5
V
Transition frequency
fT
VCB = 10 V, IE = −50 mA, f = 200 MHz
200
MHz
Collector output capacitance
Cob
VCB
= 10 V, I
E
= 0, f = 1 MHz
6
15
pF
2SC1317, 2SC1318
Silicon NPN epitaxial planer type
For low-frequency power amplification and driver amplification
Complementary to 2SA719 and 2SA720
I Features
• Low collector to emitter saturation voltage V
CE(sat)
• Complementary pair with 2SA719 and 2SA720
I Absolute Maximum Ratings T
a = 25°C
Parameter
Symbol
Rating
Unit
Collector to
2SC1317
VCBO
30
V
base voltage
2SC1318
60
Collector to
2SC1317
VCEO
25
V
emitter voltage
2SC1318
50
Emitter to base voltage
VEBO
7V
Peak collector current
ICP
1A
Collector current
IC
500
mA
Collector power dissipation
PC
625
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
I Electrical Characteristics T
a = 25°C ± 3°C
Note) *1: Pulse measurement
*2: Rank classification
Rank
Q
R
S
hFE1
85 to 170
120 to 240
170 to 340
1: Emitter
2: Collector
3: Base
TO-92 Package
Unit: mm
5.0±0.2
0.7±0.1
(1.27)
13
2
2.54±0.15
(1.27)
0.45
+0.15
–0.1
0.45
+0.15
–0.1
4.0±0.2


Similar Part No. - 2SC1317

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC1317 ETC1-2SC1317 Datasheet
41Kb / 1P
Medium Power Amplifiers and Switches
logo
Foshan Blue Rocket Elec...
2SC1317 FOSHAN-2SC1317 Datasheet
737Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
More results

Similar Description - 2SC1317

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA719 PANASONIC-2SA719 Datasheet
47Kb / 3P
Silicon PNP epitaxial planer type(For low-frequency power amplification and driver amplification)
2SC1318A PANASONIC-2SC1318A Datasheet
45Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SC1383 PANASONIC-2SC1383 Datasheet
47Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SC1509 PANASONIC-2SC1509 Datasheet
47Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SC3939 PANASONIC-2SC3939 Datasheet
47Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SC3940 PANASONIC-2SC3940 Datasheet
47Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency output amplification and driver amplification)
2SC4208 PANASONIC-2SC4208 Datasheet
47Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency output amplification and driver amplification)
2SC4606 PANASONIC-2SC4606 Datasheet
48Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SD1994A PANASONIC-2SD1994A Datasheet
69Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
2SD968 PANASONIC-2SD968 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency driver amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com