Electronic Components Datasheet Search
  English  ▼

X  

LTM4656EY Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4656EY
Description  Synchronous Boost 關Module Regulator with Input-Output Short Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4656EY Datasheet(HTML) 1 Page - Analog Devices

  LTM4656EY Datasheet HTML 1Page - Analog Devices LTM4656EY Datasheet HTML 2Page - Analog Devices LTM4656EY Datasheet HTML 3Page - Analog Devices LTM4656EY Datasheet HTML 4Page - Analog Devices LTM4656EY Datasheet HTML 5Page - Analog Devices LTM4656EY Datasheet HTML 6Page - Analog Devices LTM4656EY Datasheet HTML 7Page - Analog Devices LTM4656EY Datasheet HTML 8Page - Analog Devices LTM4656EY Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTM4656/LTM4656-1
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Synchronous Boost µModule Regulator
with Input-Output Short Protection
The LTM®4656 is a complete high efficiency boost
µModule® (power module) regulator with the switch-
ing controller, power FETs, inductor, and all supporting
components. Only a few input and output capacitors are
needed. Operating over an input voltage range of 4.5V to
28V, the LTM4656 supports an output voltage range of 6V
to 36V, set by a single external resistor. Its high efficiency
design delivers up to 5A continuous output current. An
in-line protection circuit sets the maximum input current,
and will trip off the input power if exceeded and retry (see
Typical Applications section).
The high density boost design can convert up to 180W
of output power.
Fault protection features include overtemperature pro-
tection, and overcurrent protection input referred with
auto-retry. The µmodule is offered in a space saving
and thermally enhanced 16mm × 16mm × 7.07mm BGA
package. The LTM4656 is Pb-free and RoHS compliant.
12VIN, 24VOUT at 4A
APPLICATIONS
n
Complete Boost Switch Mode Power Supply
n
Wide Input Voltage Range: 4.5V to 28V
n
Output Voltage Range: 6V to 36V
n
4A Continuous Output Current (12VIN, 24VOUT)
n
±2% Maximum Total Output Voltage Regulation
Over Load, Line and Temperature
n
Input Disconnect in Shutdown
n
Inrush Current Limit
n
External Frequency Synchronization
n
Programmable Frequency (350kHz to 780kHz)
n
Parallel Current Sharing
n
Up to 98% Efficiency
n
Selectable Burst Mode® Operation
n
In-Line Overcurrent Protection
n
Overtemperature Protection
n
LTM4656-1 Adjustable Compensation Version
n
16mm × 16mm × 7.07mm BGA Package
n
Telecom and Networking Equipment
n
Electronic Test Equipment
All registered trademarks and trademarks are the property of their respective owners. Protected
by U. S. Patents, including 5408150, 5481178, 5705919, 5929620, 6177787, 6498466,
6580258, 6611131.
INTVCC
INTVCC
VIN
12V
12V PROTECTED
R4
11.5k
4.7µF
0.1µF
9 V
TURN ON
20k
60.4k
4.7k
10µF
10µF
150µF
22µF
100µF
VIN
INTVCC
PGOOD
VOUT
SS
UV
FREQ
MODE_PLLIN
PGND
VFB
SHDN
FLT
BVIN
VBIAS
TEMP+
TEMP–
LTM4656
TO TEMP MONITOR
24V AT 4A
12V PROTECTED
VOUT
24V
5A NTSA545
4656 TA01a
PINS UNUSED IN THIS APPLICATION:
TMR, RUN, COMP, SENSE1, SW
OUTPUT CURRENT (A)
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
80
82
84
86
88
90
92
94
96
98
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
4656 TA01b
EFFICIENCY
POWER LOSS
24V Output Efficiency at 550kHz


Similar Part No. - LTM4656EY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4656 AD-LTM4656 Datasheet
3Mb / 26P
36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
Rev. 0
More results

Similar Description - LTM4656EY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
MCP1640 MICROCHIP-MCP1640_13 Datasheet
493Kb / 32P
0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640DT-I MICROCHIP-MCP1640DT-I Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640 MICROCHIP-MCP1640_15 Datasheet
511Kb / 32P
0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
logo
Richtek Technology Corp...
RT4805B RICHTEK-RT4805B Datasheet
1Mb / 23P
Synchronous Boost Regulator
logo
Linear Technology
LTM4636-1 LINER-LTM4636-1 Datasheet
2Mb / 38P
40A 關Module Regulator with Overvoltage/ Overtemperature Protection
LTM8056 LINER-LTM8056 Datasheet
1Mb / 28P
58VIN, 48VOUT Buck-Boost 關Module Regulator
logo
Analog Devices
MAX18000 AD-MAX18000 Datasheet
1Mb / 17P
500mV to 5.5V Input nanoPower Boost Converter with Short-Circuit Protection
Rev 0; 2/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com