Electronic Components Datasheet Search
  English  ▼

X  

LTM4656EY Datasheet(PDF) 18 Page - Analog Devices

Part # LTM4656EY
Description  Synchronous Boost 關Module Regulator with Input-Output Short Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4656EY Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM4656EY Datasheet HTML 14Page - Analog Devices LTM4656EY Datasheet HTML 15Page - Analog Devices LTM4656EY Datasheet HTML 16Page - Analog Devices LTM4656EY Datasheet HTML 17Page - Analog Devices LTM4656EY Datasheet HTML 18Page - Analog Devices LTM4656EY Datasheet HTML 19Page - Analog Devices LTM4656EY Datasheet HTML 20Page - Analog Devices LTM4656EY Datasheet HTML 21Page - Analog Devices LTM4656EY Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTM4656/LTM4656-1
18
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
A graphical representation of the aforementioned ther-
mal resistances is given in Figure 8; blue resistances are
contained within the µModule regulator, whereas green
resistances are external to the µModule.
As a practical matter, it should be clear to the reader that
no individual or sub-group of the four thermal resistance
parameters defined by JESD 51-12 or provided in the
Pin Configuration section replicates or conveys normal
operating conditions of a µModule. For example, in normal
board-mounted applications, never does 100% of the
device’s total power loss (heat) thermally conduct exclu-
sively through the top or exclusively through bottom of the
µModule—asthestandarddefinesforθJCtopandθJCbottom,
respectively.Inpractice,powerlossisthermallydissipated
in both directions away from the package—granted, in the
absence of a heat sink and airflow, a majority of the heat
flow is into the board.
Within a SIP (system-in-package) module, be aware there
are multiple power devices and components dissipating
power, with a consequence that the thermal resistances
relative to different junctions of components or die are not
exactly linear with respect to total package power loss. To
reconcile this complication without sacrificing modeling
simplicity—but also, not ignoring practical realities—an
approach has been taken using FEA software modeling
along with laboratory testing in a controlled-environment
chamber to reasonably define and correlate the thermal
resistance values supplied in this data sheet: (1) Initially,
FEA software is used to accurately build the mechanical
geometry of the µModule and the specified PCB with all
of the correct material coefficients along with accurate
power loss source definitions; (2) this model simulates
a software-defined JEDEC environment consistent with
JESD51-9 to predict power loss heat flow and temperature
readingsatdifferentinterfacesthatenablethecalculationof
theJEDEC-definedthermalresistancevalues;(3)themodel
and FEA software is used to evaluate the µModule with
heat sink and airflow; (4) having solved for and analyzed
these thermal resistance values and simulated various
operating conditions in the software model, a thorough
laboratory evaluation replicates the simulated conditions
with thermocouples within a controlled-environment
chamber while operating the device at the same power
loss as that which was simulated. An outcome of this
process and due-diligence yields a set of derating curves
provided in other sections of this data sheet. After these
laboratorytestshavebeenperformedandcorrelatedtothe
µModulemodel,thentheθJBandθBAaresummedtogether
to correlate quite well with the µModule model with no
airflow or heat sinking in a properly define chamber. This
θJB + θBA value is shown in the Pin Configuration section
and should accurately equal the θJA value because ap-
proximately 100% of power loss flows from the junction
through the board into ambient with no airflow or top
mounted heat sink.
The 5V, 12V and 24V input power loss curves in Figure 9
toFigure11canbeusedincoordinationwiththeloadcurrent
derating curves in Figure 12 to Figure 17 for calculating
an approximate θJA thermal resistance for the LTM4656
with various heat sinking and airflow conditions. The
power loss curves are taken at room temperature, and
are increased with multiplicative factors according to the
ambient temperature. These approximate factors is 1.4
assuming the junction temperature at 120°C. The output
voltages are chosen to include the lower and higher out-
put voltage ranges for correlating the thermal resistance.
Thermal models are derived from several temperature
measurementsinacontrolledtemperaturechamberalong
withthermalmodelinganalysis.Thejunctiontemperatures
are monitored while ambient temperature is increased
with and without airflow. The power loss increase with
ambient temperature change is factored into the derating
curves. The junctions are maintained at 120°C maximum
while lowering output current or power with increasing
ambient temperature. The decreased output current will
decrease the internal module loss as ambient temperature
isincreased.Themonitoredjunctiontemperatureof120°C
minus the ambient operating temperature specifies how
much module temperature rise can be allowed. As an
example in Figure 15, the load current is derated to ~3.2A
at ~ 80°C with no air or heat sink and the power loss for
the 12V to 24V at 3.2A output is about 3W. The 4.48W
loss is calculated with the ~ 3W room temperature loss
from the 12V to 24V power loss curve at 3.2A, and the
1.4 multiplying factor. If the 80°C ambient temperature
is subtracted from the 120°C junction temperature, then



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com