Electronic Components Datasheet Search
  English  ▼

X  

LTM8063 Datasheet(PDF) 9 Page - Analog Devices

Part # LTM8063
Description  Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8063 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTM8063 Datasheet HTML 5Page - Analog Devices LTM8063 Datasheet HTML 6Page - Analog Devices LTM8063 Datasheet HTML 7Page - Analog Devices LTM8063 Datasheet HTML 8Page - Analog Devices LTM8063 Datasheet HTML 9Page - Analog Devices LTM8063 Datasheet HTML 10Page - Analog Devices LTM8063 Datasheet HTML 11Page - Analog Devices LTM8063 Datasheet HTML 12Page - Analog Devices LTM8063 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTM8051
9
Rev. 0
For more information www.analog.com
Single Channel Derating, VOUT = 1.5V
CH1 ON, CH2/CH3/CH4 OFF
BIAS = 5V, DC2860A Demo Board
TJ = 120°C, Burst Mode
Single Channel Derating, VOUT = 3.3V
CH1 ON, CH2/CH3/CH4 OFF
BIAS = 5V, DC2860A Demo Board
TJ = 120°C, Burst Mode
Single Channel Derating, VOUT = 5V
CH1 ON, CH2/CH3/CH4 OFF
BIAS = 5V, DC2860A Demo Board
TJ = 120°C, Burst Mode
Derating with Airflow,
12VIN to 5VOUT, TJ =120°C
BIAS = 5V, DC2860A Demo Board
Forced Continuous Mode
All Channels At Same Load
Derating with Airflow,
24VIN to 5VOUT, TJ =120°C
BIAS = 5V, DC2860A Demo Board
Forced Continuous Mode
All Channels At Same Load
Derating with Airflow,
36VIN to 5VOUT, TJ =120°C
BIAS = 5V, DC2860A Demo Board
Forced Continuous Mode
All Channels At Same Load
TA = 25°C, operating per Table 1,unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
2.0
4.0
6.0
8.0
All Channels At Same Load
Forced Continuous Mode
BIAS = 5V, DC2860A Demo Bd
12VIN to 5VOUT, TJMAX = 120oC
Derating with Airflow
8051 G43
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
2.0
4.0
6.0
8.0
All Channels At Same Load
Forced Continuous Mode
BIAS = 5V, DC2860A Demo Bd
24VIN to 5VOUT, TJMAX = 120oC
Derating with Airflow
8051 G44
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
2.0
4.0
6.0
8.0
All Channels At Same Load
Forced Continuous Mode
BIAS = 5V, DC2860A Demo Bd
36VIN to 5VOUT, TJMAX = 120oC
Derating with Airflow
8051 G45
0 LFM
12VIN
24VIN
36VIN
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
0.5
1.0
1.5
2.0
2.5
3.0
TJMAX = 120oC, Burst Mode
BIAS = 5V, DC2860A Demo Board
CH1 ON, CH2/CH3/CH4 OFF
Single Channel Derating, VOUT = 1.5V
8051 G46
0 LFM
12VIN
24VIN
36VIN
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
0.5
1.0
1.5
2.0
2.5
3.0
TJMAX = 120oC, Burst Mode
BIAS = 5V, DC2860A Demo Board
CH1 ON, CH2/CH3/CH4 OFF
Single Channel Derating, VOUT = 3.3V
8051 G47
0 LFM
12VIN
24VIN
36VIN
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
0.5
1.0
1.5
2.0
2.5
3.0
TJMAX = 120oC, Burst Mode
BIAS = 5V, DC2860A Demo Board
CH1 ON, CH2/CH3/CH4 OFF
Single Channel Derating, VOUT = 5V
8051 G48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com