Electronic Components Datasheet Search
  English  ▼

X  

LTM8063 Datasheet(PDF) 10 Page - Analog Devices

Part # LTM8063
Description  Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8063 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTM8063 Datasheet HTML 6Page - Analog Devices LTM8063 Datasheet HTML 7Page - Analog Devices LTM8063 Datasheet HTML 8Page - Analog Devices LTM8063 Datasheet HTML 9Page - Analog Devices LTM8063 Datasheet HTML 10Page - Analog Devices LTM8063 Datasheet HTML 11Page - Analog Devices LTM8063 Datasheet HTML 12Page - Analog Devices LTM8063 Datasheet HTML 13Page - Analog Devices LTM8063 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTM8051
10
Rev. 0
For more information www.analog.com
BIAS Current vs Frequency
12VIN to 3.3 VOUT
Forced Continuous Mode
Dropout Voltage vs Load Current
Input Current vs VIN
VOUT Short Circuited
TA = 25°C, operating per Table 1,unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
SWITCHING FREQUENCY (MHz)
0
1
2
3
0
3
6
9
12
15
Forced Continuous Mode
12VIN to 3.3VOUT
BIAS Current vs Frequency
8051 G52
VIN (V)
5
10
15
20
25
30
35
40
0
250
500
750
1000
VOUT Short Circuited
Input Current vs VIN
8051 G54
Forced Continuous Mode
Burst Mode
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
0
0.4
0.8
1.2
1.6
Dropout Voltage vs Load Current
8051 G53
0 LFM
12VIN
24VIN
36VIN
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
0.5
1.0
1.5
2.0
2.5
3.0
TJMAX = 120oC, Burst Mode
BIAS = 5V, DC2860A Demo Board
CH1/CH2 ON, CH3/CH4 OFF
Dual Channel Derating, VOUT = 1.5V
8051 G49
Dual Channel Derating, VOUT = 1.5V
CH1/CH2 ON, CH3/CH4 OFF
BIAS = 5V, DC2860A Demo Board
TJ = 120°C, Burst Mode
Dual Channel Derating, VOUT = 3.3V
CH1/CH2 ON, CH3/CH4 OFF
BIAS = 5V, DC2860A Demo Board
TJ = 120°C, Burst Mode
Dual Channel Derating, VOUT = 5V
CH1/CH2 ON, CH3/CH4 OFF
BIAS = 5V, DC2860A Demo Board
TJ = 120°C, Burst Mode
0 LFM
12VIN
24VIN
36VIN
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
0.5
1.0
1.5
2.0
2.5
3.0
TJMAX = 120oC, Burst Mode
BIAS = 5V, DC2860A Demo Board
CH1/CH2 ON, CH3/CH4 OFF
Dual Channel Derating, VOUT = 3.3V
8051 G50
0 LFM
12VIN
24VIN
36VIN
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
0.5
1.0
1.5
2.0
2.5
3.0
TJMAX = 120oC, Burst Mode
BIAS = 5V, DC2860A Demo Board
CH1/CH2 ON, CH3/CH4 OFF
Dual Channel Derating, VOUT = 5V
8051 G51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com