Electronic Components Datasheet Search
  English  ▼

X  

LTM8065 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM8065
Description  Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8065 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM8065 Datasheet HTML 2Page - Analog Devices LTM8065 Datasheet HTML 3Page - Analog Devices LTM8065 Datasheet HTML 4Page - Analog Devices LTM8065 Datasheet HTML 5Page - Analog Devices LTM8065 Datasheet HTML 6Page - Analog Devices LTM8065 Datasheet HTML 7Page - Analog Devices LTM8065 Datasheet HTML 8Page - Analog Devices LTM8065 Datasheet HTML 9Page - Analog Devices LTM8065 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTM8051
6
Rev. 0
For more information www.analog.com
Input vs Load Current
VOUT = 2.5V, BIAS = 5V, Burst
Mode
Input vs Load Current
VOUT = 3.3V, BIAS = 5V, Burst
Mode
Input vs Load Current
VOUT = 3.3V, 2MHz, BIAS = 5V,
Burst Mode
Input vs Load Current
VOUT = 5V, BIAS = 5V, Burst Mode
Input vs Load Current
VOUT = 5V, 2MHz, BIAS = 5V,
Burst Mode
Input vs Load Current
VOUT = 8V, BIAS = 5V, Burst Mode
Derating, VOUT = 0.8V
BIAS = 5V, DC2860A Demo Board
TJ = 120°C, Burst Mode
All Channels At Same Load
Derating, VOUT = 1V
BIAS = 5V, DC2860A Demo Board
TJ = 120°C, Burst Mode
All Channels At Same Load
Derating, VOUT = 1.2V
BIAS = 5V, DC2860A Demo Board
TJ = 120°C, Burst Mode
All Channels At Same Load
TA = 25°C, operating per Table 1,unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
0
0.2
0.4
0.6
BIAS = 5V, Burst Mode
Input vs Load Current, VOUT = 2.5V
8051 G19
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
0
0.2
0.4
0.6
0.8
BIAS = 5V, Burst Mode
Input vs Load Current, VOUT = 3.3V
8051 G20
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
0
0.2
0.4
0.6
0.8
BIAS = 5V, Burst Mode
Input vs Load Current, VOUT = 3.3V, 2MHz
8051 G21
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
0
0.3
0.6
0.9
1.2
BIAS = 5V, Burst Mode
Input vs Load Current, VOUT = 5V
8051 G22
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
0
0.3
0.6
0.9
1.2
BIAS = 5V, Burst Mode
Input vs Load Current, VOUT = 5V, 2MHz
8051 G23
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
0
0.4
0.8
1.2
1.6
BIAS = 5V, Burst Mode
Input vs Load Current, VOUT = 8V
8051 G24
0 LFM
12VIN
24VIN
36VIN
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
2.0
4.0
6.0
8.0
All Channels At Same Load
TJMAX = 120oC, Burst Mode
BIAS = 5V, DC2860A Demo Bd
Derating, VOUT = 0.8V
8051 G25
0 LFM
12VIN
24VIN
36VIN
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
2.0
4.0
6.0
8.0
All Channels At Same Load
TJMAX = 120oC, Burst Mode
BIAS = 5V, DC2860A Demo Bd
Derating, VOUT = 1V
8051 G26
0 LFM
12VIN
24VIN
36VIN
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
2.0
4.0
6.0
8.0
All Channels At Same Load
TJMAX = 120oC, Burst Mode
BIAS = 5V, DC2860A Demo Bd
Derating, VOUT = 1.2V
8051 G27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com