Electronic Components Datasheet Search
  English  ▼

X  

LTM8065 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM8065
Description  Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8065 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM8065 Datasheet HTML 17Page - Analog Devices LTM8065 Datasheet HTML 18Page - Analog Devices LTM8065 Datasheet HTML 19Page - Analog Devices LTM8065 Datasheet HTML 20Page - Analog Devices LTM8065 Datasheet HTML 21Page - Analog Devices LTM8065 Datasheet HTML 22Page - Analog Devices LTM8065 Datasheet HTML 23Page - Analog Devices LTM8065 Datasheet HTML 24Page - Analog Devices LTM8065 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTM8051
21
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
A few rules to keep in mind are:
1. Place the RFB and RT resistors as close as possible to
their respective pins.
2. Place the CIN capacitor as close as possible to the VIN
and GND connection of the LTM8051.
3. Place the COUT capacitor as close as possible to the
VOUT and GND connection of the LTM8051.
4. Place the CIN and COUT capacitors such that their
ground current flow directly adjacent to or underneath
the LTM8051.
5. Connect all of the GND connections to as large a cop-
per pour or plane area as possible on the top layer.
Avoid breaking the ground connection between the
external components and the LTM8051.
6. Use vias to connect the GND copper area to the
board’s internal ground planes. Liberally distribute
these GND vias to provide both a good ground con-
nection and thermal path to the internal planes of the
printed circuit board. Pay attention to the location and
density of the thermal vias in Figure 3. The LTM8051
can benefit from the heat sinking afforded by vias that
connect to internal GND planes at these locations,
due to their proximity to internal power handling
components. The optimum number of thermal vias
depends upon the printed circuit board design. For
example, a board might use very small via holes. It
should employ more thermal vias than a board that
uses larger holes.
Hot-Plugging Safely
The small size, robustness and low impedance of ceramic
capacitors make them an attractive option for the input
bypass capacitor of LTM8051. However, these capacitors
can cause problems if the LTM8051 is plugged into a
live supply (see Application Note 88 for a complete dis-
cussion). The low loss ceramic capacitor combined with
stray inductance in series with the power source forms an
underdamped tank circuit, and the voltage at the VIN pin
of the LTM8051 can ring to more than twice the nominal
input voltage, possibly exceeding the LTM8051’s rating
and damaging the part. If the input supply is poorly con-
trolled or the LTM8051 is hot-plugged into an energized
supply, the input network should be designed to prevent
this overshoot. This can be accomplished by installing
a small resistor in series to VIN, but the most popular
method of controlling input voltage overshoot is add an
electrolytic bulk cap to the VIN net. This capacitor’s rela-
tively high equivalent series resistance damps the circuit
and eliminates the voltage overshoot. The extra capacitor
improves low frequency ripple filtering and can slightly
improve the efficiency of the circuit, though it is likely to
be the largest component in the circuit.
Thermal Considerations
The LTM8051 output current may need to be derated if
it is required to operate in a high ambient temperature.
The amount of current derating is dependent upon the
input voltage, output power and ambient temperature.
The derating curves given in the Typical Performance
Characteristics section can be used as a guide. These
curves were generated by the LTM8051 mounted to
Figure 3. Layout Showing Suggested External Components,
GND Plane and Vias
COUT2
COUT3
COUT4
COUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com