Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4613
Description  Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4613 Datasheet(HTML) 1 Page - Analog Devices

  LTM4613 Datasheet HTML 1Page - Analog Devices LTM4613 Datasheet HTML 2Page - Analog Devices LTM4613 Datasheet HTML 3Page - Analog Devices LTM4613 Datasheet HTML 4Page - Analog Devices LTM4613 Datasheet HTML 5Page - Analog Devices LTM4613 Datasheet HTML 6Page - Analog Devices LTM4613 Datasheet HTML 7Page - Analog Devices LTM4613 Datasheet HTML 8Page - Analog Devices LTM4613 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTM8051
1
Rev. 0
For more information www.analog.com
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Quad 40VIN Silent Switcher μModule Regulator
with Configurable 1.2A Output Array
The LTM®8051 is quad 40VIN, 1.2A step-down Silent
Switcher μModule® regulator. The Silent Switcher archi-
tecture minimizes EMI while delivering high efficiency at
frequencies up to 3MHz. Included in the package are the
controllers, power switches, inductors, and support com-
ponents. Operating over a wide input voltage range, the
LTM8051 supports output voltages from 0.8V to 8V, and
a switching frequency range of 300kHz to 3MHz, each set
by a single resistor. Only the bulk input and output filter
capacitors are needed to finish the design. The LTM8051
product video is available on website.
The LTM8051 is packaged in a compact (6.25mm ×
11.25mm × 2.22mm) over-molded Ball Grid Array (BGA)
package suitable for automated assembly by standard
surface mount equipment. The LTM8051 is available with
SnPb (BGA) or RoHS compliant.
Configurable Output Array
The LTM8051 outputs can be paralleled in an array for up
to 4.8A capability.
1.2A
1.2A
1.2A
1.2A
2.4A
1.2A
1.2A
3.6A
1.2A
4.8A
1.8-5VOUT from 7-40VIN Quad Step-Down Converter
APPLICATIONS
n
Four Complete Step-Down Switching Power Supplies
n
Low Noise Silent Switcher® Architecture
n
CISPR22 Class B Compliant
n
CISPR25 Class 5 Compliant
n
Wide Input Voltage Range: 3V to 40V
n
Wide Output Voltage Range: 0.8V to 8V
n
1.2A Continuous Output Current per Channel at
12VIN, 3.3VOUT, TA = 85°C
n
1.5A Continuous Output Current per Channel at
12VIN, 3.3VOUT, TA = 60°C
n
Multiphase or Multi-µModule Parallelable for
Increased Output Current
n
Selectable Switching Frequency: 300kHz to 3MHz
n
Compact Package (6.25mm × 11.25mm × 2.22mm)
Surface Mount BGA
n
Automated Test Equipment
n
Distributed Supply Regulation
n
Industrial Supplies
n
Medical Equipment
All registered trademarks and trademarks are the property of their respective owners.
Efficiency, VIN = 24V, BIAS = 5V
Document Feedback
1µF
23.2k
47µF
47.5k
100µF
78.7k
24.9k
118k
200k
100µF
100µF
VIN1
RUN14
RT14
SYNC14
VIN4
fSW = 1.3MHz
VOUT1
VIN
FB1
BIAS14
GND
VOUT4
7V to 40V
VIN23
RUN23
RT23
SYNC23
fSW = 1.2MHz
x4
VOUT1
5V
1.2A
VOUT2
FB2
BIAS23
GND
VOUT3
FB4
FB3
VOUT4
1.8V
1.2A
VOUT2
3.3V
1.2A
VOUT3
2.5V
1.2A
SHARE14
VCC14
SHARE23
VCC23
8051 TA01a
PINS NOT USED:
TRSS1, TRSS2,
TRSS3, TRSS4,
PG1, PG2, PG3,
PG4, CLKOUT14,
CLKOUT23
3.3VOUT
5VOUT
LOAD CURRENT (A)
0
0.5
1
1.5
2
55
60
65
70
75
80
85
90
95
Efficiency, VIN = 24V, BIAS = 5V
8051 TA01b
Click to view associated Video Design Idea.


Similar Part No. - LTM4613

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4613 LINER-LTM4613 Datasheet
525Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4613 LINER-LTM4613 Datasheet
347Kb / 20P
3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTM4613 LINER-LTM4613 Datasheet
357Kb / 28P
36VIN, 5A, 2-Quadrant CVCC Step-Down
LTM4613 LINER-LTM4613 Datasheet
2Mb / 36P
Dual 13A or Single 26A DC/DC 關Module Regulator
LTM4613 LINER-LTM4613 Datasheet
469Kb / 28P
de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
More results

Similar Description - LTM4613

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4644 LINER-LTM4644_15 Datasheet
527Kb / 32P
Quad DC/DC Module Regulator with Configurable 4A Output Array
LTM4643EV LINER-LTM4643EV Datasheet
954Kb / 8P
Quad DC/DC 關Module Regulator with Configurable 3A Output Array
LTM4643 LINER-LTM4643 Datasheet
567Kb / 32P
Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
LTM4644 LINER-LTM4644 Datasheet
977Kb / 36P
Quad DC/DC 關Module Regulator with Configurable 4A Output Array
LTM8003 LINER-LTM8003 Datasheet
401Kb / 30P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
40VIN, 2.5A Silent Switcher 關Module Regulator
LTM8073 LINER-LTM8073 Datasheet
1Mb / 26P
60VIN, 3A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com