Electronic Components Datasheet Search
  English  ▼

X  

LTM4613 Datasheet(PDF) 18 Page - Analog Devices

Part # LTM4613
Description  Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4613 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM4613 Datasheet HTML 14Page - Analog Devices LTM4613 Datasheet HTML 15Page - Analog Devices LTM4613 Datasheet HTML 16Page - Analog Devices LTM4613 Datasheet HTML 17Page - Analog Devices LTM4613 Datasheet HTML 18Page - Analog Devices LTM4613 Datasheet HTML 19Page - Analog Devices LTM4613 Datasheet HTML 20Page - Analog Devices LTM4613 Datasheet HTML 21Page - Analog Devices LTM4613 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTM8051
18
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Power Derating
The 12VIN, 24VIN and 36VIN power loss curves can be
used in coordination with the load current derating curves
for calculating an approximate
θJA thermal resistance for
the LTM8051 with airflow conditions. The power loss
curves are taken at room temperature, and are increased
with a 1.35 to 1.4 multiplicative factor at 125°C. These
factors come from the fact that the power loss of the
regulator increases about 45% from 25°C to 150°C, thus
a 45% spread over 125°C delta equates to ~0.35%/°C loss
increase. A 125°C maximum junction minus 25°C room
temperature equates to a 100°C increase. This 100°C
increase multiplied by 0.35%/°C equals a 35% power loss
increase at the 125°C junction, thus the 1.35 multiplier.
The derating curves are plotted with four VOUTn at the
same operating condition starting at 6A of total load cur-
rent and low ambient temperature. The derating curves
with airflow are measured at output voltages of 1.5V, 3.3V
and 5V. These are chosen to include the lower and higher
output voltage ranges for correlating the thermal resis-
tance. Thermal models are derived from several tempera-
ture measurements in a controlled temperature chamber
along with thermal FEA modeling.
The junction temperatures are monitored while ambient
temperature is increased with and without airflow. The
power loss increase with ambient temperature change
is factored into the derating curves. The junctions are
maintained at ~120°C maximum while lowering output
current or power while increasing ambient temperature.
The decreased output current will decrease the internal
module loss as ambient temperature is increased.
The derived thermal resistances in Tables 3 through 5
for the various conditions can be multiplied by the calcu-
lated power loss as a function of ambient temperature to
derive temperature rise above ambient, thus maximum
junction temperature. Room temperature power loss can
be derived from the power loss curves and adjusted with
the above ambient temperature multiplicative factors. The
printed circuit board is a 1.6mm thick 4-layer board with
two-ounce copper (70µm) for all the layers.
Table 3. 1.5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Graph 37-39
12, 24, 36
Graph 04
0
None
16
Graph 37-39
12, 24, 36
Graph 04
200
None
13.5
Graph 37-39
12, 24, 36
Graph 04
400
None
12.5
Table 4. 3.3V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Graph 40-42
12, 24, 36
Graph 08
0
None
16
Graph 40-42
12, 24, 36
Graph 08
200
None
13.5
Graph 40-42
12, 24, 36
Graph 08
400
None
12.5
Table 5. 5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Graph 43-45
12, 24, 36
Graph 10
0
None
16
Graph 43-45
12, 24, 36
Graph 10
200
None
13.5
Graph 43-45
12, 24, 36
Graph 10
400
None
12.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com