Electronic Components Datasheet Search
  English  ▼

X  

LTM8056 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM8056
Description  Synchronous Boost 關Module Regulator with Input-Output Short Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8056 Datasheet(HTML) 2 Page - Analog Devices

  LTM8056 Datasheet HTML 1Page - Analog Devices LTM8056 Datasheet HTML 2Page - Analog Devices LTM8056 Datasheet HTML 3Page - Analog Devices LTM8056 Datasheet HTML 4Page - Analog Devices LTM8056 Datasheet HTML 5Page - Analog Devices LTM8056 Datasheet HTML 6Page - Analog Devices LTM8056 Datasheet HTML 7Page - Analog Devices LTM8056 Datasheet HTML 8Page - Analog Devices LTM8056 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTM4656/LTM4656-1
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, SENSE1, BVIN, SW, VOUT,
SHDN, UV, FLT, VBIAS................................. –0.3V to 36V
INTVCC, MODE_PLLIN, PGOOD ................... –0.3V to 6V
FREQ, SS, COMP, VFB ...........................–0.3V to INTVCC
RUN ............................................................. –0.3V to 5V
TMR......................................................................0.5mA
TEMP+, TEMP–................... <0.7V Across Pins, No More
than 5mA (Current Source)
Operating Junction Temperature (Note 2).. –40 to 125°C
Storage Temperature Range ...................... –55 to 125°C
Peak Solder Reflow Body Temperature ................. 245°C
Note: Not recommended for upside-down reflow.
(Note 1)
VIN
BVIN
VOUT
1
A
B
C
D
E
F
G
H
J
K
L
M
2
3
4
5
6
7
TOP VIEW
8
9
10
11
12
GND
GND
GND
GND
BGA PACKAGE
144-LEAD (16mm × 16mm × 7.07mm)
TJMAX = 125°C, θJA = 11.8°C/W,
θJCtop = 7.1°C/W, θJCbot = 4.4°C/W (Note 7)
WEIGHT = 4.22g
GND
GND
GND
GND
NC
SHDN
SENSE1
SW
RUN
UV
FLT
TEMP–
TEMP+
TMR
FREQ
COMP SS PGOOD VBIAS
VFB
MODE_PLLIN
INTVCC
ORDER INFORMATION
(See Capacitor Matrix, Pin Configuration Table)
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE TYPE
MSL RATING
TEMPERATURE 
RANGE (Note 2)
DEVICE
FINISH CODE
LTM4656EY#PBF
SAC305 (RoHS)
LTM4656Y
e1
BGA
4
−40°C to 125°C
LTM4656IY#PBF
SAC305 (RoHS)
e1
−40°C to 125°C
LTM4656IY
SnPb (63/37)
e0
−40°C to 125°C
LTM4656EY-1#PBF
SAC305 (RoHS)
e1
−40°C to 125°C
LTM4656IY-1#PBF
SAC305 (RoHS)
e1
−40°C to 125°C
LTM4656IY-1
SnPb (63/37)
e0
−40°C to 125°C
• Contact the factory for parts specified with wider operating temperature
ranges. *Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com