Electronic Components Datasheet Search
  English  ▼

X  

LTM8056 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM8056
Description  Synchronous Boost 關Module Regulator with Input-Output Short Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8056 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM8056 Datasheet HTML 18Page - Analog Devices LTM8056 Datasheet HTML 19Page - Analog Devices LTM8056 Datasheet HTML 20Page - Analog Devices LTM8056 Datasheet HTML 21Page - Analog Devices LTM8056 Datasheet HTML 22Page - Analog Devices LTM8056 Datasheet HTML 23Page - Analog Devices LTM8056 Datasheet HTML 24Page - Analog Devices LTM8056 Datasheet HTML 25Page - Analog Devices LTM8056 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTM4656/LTM4656-1
22
Rev. 0
For more information www.analog.com
Figure 19. 5V Input to 12VOUT at 3.25A Design
TYPICAL APPLICATIONS
Figure 20. 5V Input to 24VOUT at 1.35A Design
INTVCC
INTVCC
R4
24.3k
4.7µF
0.1µF
41.2k
4.75V
TURN ON
60.4k
5k
5A
10µF
10µF
100µF
×2
22µF
100µF
VIN
INTVCC
PGOOD
VOUT
SS
UV
FREQ
MODE_PLLIN
PGND
VFB
SHDN
FLT
BVIN
VBIAS
TEMP+
TEMP–
LTM4656
TO TEMP MONITOR
12V AT 3.25A
10µF
FAULT
5V
25V
16V
16V
16V
16V
16V
5V PROTECTED
5V PROTECTED
4656 F19
PINS UNUSED IN THIS APPLICATION:
TMR, RUN, COMP, SENSE1, SW
INTVCC
INTVCC
R4
11.5k
4.7µF
0.1µF
41.2k
60.4k
5k
100µF
×2
150µF
22µF
VIN
INTVCC
PGOOD
VOUT
SS
UV
FREQ
MODE_PLLIN
PGND
VFB
SHDN
FLT
BVIN
VBIAS
TEMP+
TEMP–
LTM4656
TO TEMP MONITOR
24V AT 1.35A
10µF
5V PROTECTED
FAULT
5V
35V
35V
35V
16V
16V
5V PROTECTED
100µF
×2
4656 F20a
PINS UNUSED IN THIS APPLICATION:
TMR, RUN, COMP, SENSE1, SW
5A
4.75V
TURN ON
200ms/DIV
VIN
5V/DIV
VOUT
10V/DIV
IIN
5A/DIV*
4656 F20b
*25mV SENSE IN FOLDBACK
TIMER (218 s)
TIMER PIN
1V/DIV
5ms/DIV
VIN
5V/DIV
VOUT
10V/DIV
TCOOL
(~35ms)
4656 F20c
TIMER PIN 1V/DIV
Short Circuit Trip
Retry Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com