Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM4622
Description  Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4622 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM4622 Datasheet HTML 8Page - Analog Devices LTM4622 Datasheet HTML 9Page - Analog Devices LTM4622 Datasheet HTML 10Page - Analog Devices LTM4622 Datasheet HTML 11Page - Analog Devices LTM4622 Datasheet HTML 12Page - Analog Devices LTM4622 Datasheet HTML 13Page - Analog Devices LTM4622 Datasheet HTML 14Page - Analog Devices LTM4622 Datasheet HTML 15Page - Analog Devices LTM4622 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTM8051
12
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
VIN1 (Pin E7): Input power for the channel 1 regulator.
The VIN1 powers the internal control circuitry for channel
1/4 and is monitored by undervoltage lockout circuitry.
The VIN1 voltage must be greater than 3.0V for either
channel1/4 of the LTM8051 to operate. Decouple VIN1 to
ground with an external, low ESR capacitor. See Table 1
for recommended values.
VIN4 (Pin F7): Input power for the channel 4 regulator.
Decouple VIN4 to ground with an external, low ESR capaci-
tor. See Table 1 for recommended values.
VIN23 (Bank 5): Input power for the channel 2/3 regula-
tor. The VIN23 bank powers the internal control circuitry
for both channel 2/3 and is monitored by undervoltage
lockout circuitry. The VIN23 voltage must be greater than
3.0V for either channel2/3 of the LTM8051 to operate.
Decouple VIN23 to ground with an external, low ESR
capacitor. See Table 1 for recommended values.
VOUT1/2/3/4 (Bank 1/2/3/4): Power Output for channel
1/2/3/4, respectively. Apply the output filter capacitor and
the output load between these pins and GND pins.
GND (Bank 6): Tie these GND pins to a local ground plane
below the LTM8051 and the circuit components. In most
applications, the bulk of the heat flow out of the LTM8051
is through these pads, so the printed circuit design has a
large impact on the thermal performance of the part. See
the PCB Layout and Thermal Considerations sections for
more details. Return the feedback divider (RFB) to this net.
BIAS14/23 (Pin N3/A5): The internal regulator will draw
current from BIAS
n instead of VIN1 or VIN23 when BIASn
is tied to a voltage higher than 3.2V. For output voltages
of 3.3V and above this pin should be tied to VOUTn. If this
pin is tied to a supply other than VOUTn use a local bypass
capacitor on this pin.
CLKOUT14/23 (Pin D6/C6): Synchronization output.
When SYNC14/23>2.8V, the CLKOUT14/23 pin provides
a waveform about 90 degrees out-of-phase with Channel
1/2 respectively. This allows synchronization with other
regulators with up to four phases. When an external clock
is applied to the SYNC pin, the CLKOUT pin will output a
waveform with about the same phase, duty cycle, and fre-
quency as the SYNC waveform. In Burst Mode operation,
the CLKOUT pin will be internally grounded. Float this pin
if the CLKOUT function is not used. Do not drive this pin.
FB1/2/3/4 (Pin L2/D2/D1/L1): The LTM8051 regulates the
FB
n pins to 800mV. Connect the feedback resistor to this
pin to set the output voltage.
PG1/2/3/4 (Pin L6/K6/K7/L7): The PG
n pin is the open-
drain output of an internal comparator. PG
n remains low
until the FB
n pin is within ±7.5% of the final regulation
voltage, and there are no fault conditions. PG
n is pulled
low during VINn UVLO, Thermal Shutdown, or when the
RUN
n pin is low.
RT14/23 (Pin K1/J1): Connect a resistor between RT
n
and ground to set the switching frequency. Do not drive
this pin.
RUN14/23 (Pin D7/C7): The corresponding channel of
the LTM8051 is shutdown when this pin is low and active
when this pin is high. Tie to VINn if shutdown feature is
not used. An external resistor divider from VINn can be
used to program a VINn threshold below which the cor-
responding channel of the LTM8051 will shut down. Do
not float this pin.
SHARE14/23 (Pin N5/A3): Sharing Control. Float
SHARE14 when VOUT1 and VOUT4 are load sharing.
Connect SHARE14 to VCC14 if VOUT1 and VOUT4 are inde-
pendent. Float SHARE23 when VOUT2 and VOUT3 are load
sharing. Connect SHARE23 to VCC23 if VOUT2 and VOUT3
are independent. Connect SHARE14 and SHARE23 if par-
allel all four channels. Connect this pin to the SHARE
n
pin of another LTM8051 when load sharing with another
LTM8051.
VCC14/23 (Pin N4/A4): Internal Regulator Bypass Pin. The
internal power drivers and control circuits are powered
from this voltage. VCCn current will be supplied from
BIAS
n if VBIASn > 3.2V, otherwise current will be drawn
from VINn. If VOUT1 and VOUT4 are load sharing, leave
VCC14 floating. If VOUT2 and VOUT3 are load sharing, leave
VCC23 floating. If VOUT1 and VOUT4 are independent volt-
ages, connect SHARE14 to VCC14; if VOUT2 and VOUT3
are independent voltages, connect SHARE23 to VCC23,
otherwise the LTM8051 will not regulate properly. Do not
load the VCCn with external circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com