Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM4622
Description  Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4622 Datasheet(HTML) 2 Page - Analog Devices

  LTM4622 Datasheet HTML 1Page - Analog Devices LTM4622 Datasheet HTML 2Page - Analog Devices LTM4622 Datasheet HTML 3Page - Analog Devices LTM4622 Datasheet HTML 4Page - Analog Devices LTM4622 Datasheet HTML 5Page - Analog Devices LTM4622 Datasheet HTML 6Page - Analog Devices LTM4622 Datasheet HTML 7Page - Analog Devices LTM4622 Datasheet HTML 8Page - Analog Devices LTM4622 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTM8051
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VINn, RUNn, PGn ......................................................42V
VOUTn, BIASn ...........................................................10V
FB
n, TRSSn, SHAREn , RTn, VCCn .............................4V
(Note 1)
SYNC23
BGA PACKAGE
91-LEAD (11.25mm
× 6.25mm × 2.22mm)
TJMAX = 125°C, θJA = 16°C/W, θJCtop = 11.4°C/W,
θJCbot = 3.5°C/W, WEIGHT = 0.42g
θ VALUES DETERMINED PER JEDEC 51-9, 51-12
VCC23
VIN4
BANK2
VOUT2
BANK3
VOUT3
BANK1
VOUT1
BANK4
VOUT4
BANK5
GND
VIN23
SHARE23
TRSS2
PG3
PG2
PG4
PG1
FB2
TRSS3 FB3
7
6
5
4
3
2
1
A
B
C
D
E
F
G
H
J
K
L
M
N
CLKOUT23 CLKOUT14
SYNC14
BIAS23
RT23
TRSS4
TRSS1
RT14
BIAS14
VCC14
SHARE14
FB1
FB4
RUN14 VIN1
RUN23
BANK6
TOP VIEW
ORDER INFORMATION
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM8051EY#PBF
SAC305 (RoHS)
LTM8051Y
e1
BGA
3
–40°C to 125°C
LTM8051IY#PBF
LTM8051IY
SnPb (63/37)
e0
• Device temperature grade is indicated by a label on the shipping container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• BGA Package and Tray Drawings
• This product is not recommended for second side reflow.
This product is moisture sensitive. For more information, go to
Recommended BGA PCB Assembly and Manufacturing Procedures.
SYNC
n .......................................................................6V
Maximum Internal Temperature (Note 2) .............. 125°C
Storage Temperature ............................. –55°C to 125°C
Peak Solder Reflow Package Body Temperature ..260°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com