Electronic Components Datasheet Search
  English  ▼

X  

MMBTH81 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBTH81
Description  PNP RF Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBTH81 Datasheet(HTML) 3 Page - ON Semiconductor

  MMBTH81 Datasheet HTML 1Page - ON Semiconductor MMBTH81 Datasheet HTML 2Page - ON Semiconductor MMBTH81 Datasheet HTML 3Page - ON Semiconductor MMBTH81 Datasheet HTML 4Page - ON Semiconductor MMBTH81 Datasheet HTML 5Page - ON Semiconductor MMBTH81 Datasheet HTML 6Page - ON Semiconductor MMBTH81 Datasheet HTML 7Page - ON Semiconductor MMBTH81 Datasheet HTML 8Page - ON Semiconductor MMBTH81 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Typical Characteristics (continued)
PNP RF Transistor
(continued)
Input / Output Capacitance
vs Reverse Bias Voltage
-10
-8
-6
-4
-2
0
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
REVERSE BIAS VOLTAGE (V)
C ibo
f = 1.0 MHz
C obo
Contours of Constant Gain
Bandwidth Product (f )
0.1
1
10
100
-14
-12
-10
-8
-6
-4
-2
0
I - COLLECTOR CURRENT (mA)
C
-
-
-
-
T
200 MHz
500 MHz
900 MHz
200 MHz
500 MHz
1200 MHz
1500 MHz
Power Dissipation vs
Ambient Temperature
0
255075
100
125
150
0
50
100
150
200
250
300
350
TEMPERATURE ( C)
SOT-23
TO-92
°
Base-Emitter ON Voltage
vs Collector Current
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
I - COLLE CTOR CURRENT (mA)
C
V
= 10V
CE
-
-
-
-
A
T = 25°C
A
T = 100°C
A
Base-Emitter Saturation
Voltage vs Collector Current
0.1
1
10
100
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
I - COLLECTOR CURRENT (mA)
C
-
-
-
-
T = 55°C
A
-
T = 25°C
A
T = 125°C
A
I
= 10 I
C
B
Collector Reverse Current
vs Ambient Temperature
25
50
75
100
125
150
0.01
0.1
1
10
100
T
- AM BIENT TE MPE RATURE ( C)
A
V
= -6.0V
CE
V
= -3.0V
CE
°
www.onsemi.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com