Electronic Components Datasheet Search
  English  ▼

X  

HCMS-29X4 Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # HCMS-29X4
Description  High Performance CMOS 5횞7 Alphanumeric Displays
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCMS-29X4 Datasheet(HTML) 4 Page - Broadcom Corporation.

  HCMS-29X4 Datasheet HTML 1Page - Broadcom Corporation. HCMS-29X4 Datasheet HTML 2Page - Broadcom Corporation. HCMS-29X4 Datasheet HTML 3Page - Broadcom Corporation. HCMS-29X4 Datasheet HTML 4Page - Broadcom Corporation. HCMS-29X4 Datasheet HTML 5Page - Broadcom Corporation. HCMS-29X4 Datasheet HTML 6Page - Broadcom Corporation. HCMS-29X4 Datasheet HTML 7Page - Broadcom Corporation. HCMS-29X4 Datasheet HTML 8Page - Broadcom Corporation. HCMS-29X4 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Absolute Maximum Ratings
Logic Supply Voltage, VLOGIC to GNDLOGIC
-0.3 V to 7.0 V
LED Supply Voltage, VLED to GNDLED
-0.3 V to 5.5 V
Input Voltage, Any Pin to GND
-0.3 V to VLOGIC +0.3 V
Free Air Operating Temperature Range TA [1]
-40
°C to +85 °C
Relative Humidity (noncondensing)
85%
Storage Temperature, TS
-55
°C to 100 °C
Soldering Temperature [1.59 mm (0.063 in.) Below Body]
Solder Dipping
260
°C for 5 secs
Wave Soldering
250
°C for 3 secs
ESD Protection @ 1.5 k
Ω, 100 pF (each pin)
Class 1, 0-1999 V
TOTAL Package Power Dissipation at TA = 25 °C [2]
4 Character
1.2 W
8 Character
2.4 W
16 Character
4.8 W
Note:
1. For operation in high ambient temperatures, see Appendix A, Thermal Considerations.
HCMS-297x
Recommended Operating Conditions Over Temperature Range (-40 °C to +85 °C)
Parameter
Symbol
Min.
Typ.
Max.
Units
Logic Supply Voltage
VLOGIC
3.0
5.0
5.5
V
LED Supply Voltage
VLED
4.0
5.0
5.5
V
GNDLED to GNDLOGIC
-0.3
0
+0.3
V
PIN FUNCTION
ASSIGNMENT TABLE
NOTES:
1. DIMENSIONS ARE IN mm (INCHES).
2. UNLESS OTHERWISE SPECIFIED, TOLERANCE ON DIMENSIONS IS ± 0.38 mm (0.015 INCH).
3. LEAD MATERIAL: SOLDER PLATED COPPER ALLOY.
8
7
6
5
4
3
2
1
X Z
COO
PIN # 1 IDENTIFIER
INTENSITY CATEGORY
DATE CODE (YEAR, WEEK)
COLOR BIN
COUNTRY OF ORIGIN
PART NUMBER
5.31
(0.209)
6.22
(0.245) SYM.
0.51
(0.020)
TYP.
0.51 ± 0.13
(0.020 ± 0.005)
2.54 ± 0.13
(0.100 ± 0.005)
(NON ACCUM.)
TYP.
2.67 (0.105) SYM.
5.36 (0.211) TYP.
11.43 (0.450) MAX.
2.54 (0.100) TYP.
0.25
(0.010)
7.62
(0.300)
3.71
(0.146) TYP.
1.90
(0.075) SYM.
NO PIN
NO PIN
V LED
NO PIN
NO PIN
NO PIN
GND LED
NO PIN
NO PIN
V LED
NO PIN
NO PIN
NO PIN
DATA IN
RS
NO PIN
CLOCK
CE
BLANK
GND LOGIC
SEL
V LOGIC
NO PIN
RESET
OSC
DATA OUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
PIN # FUNCTION
4.57
(0.180) TYP.
3
26
HCMS-297X
YYWW
42.93 (1.690) MAX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com