Electronic Components Datasheet Search
  English  ▼

X  

HCMS-29X4 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # HCMS-29X4
Description  High Performance CMOS 5횞7 Alphanumeric Displays
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCMS-29X4 Datasheet(HTML) 1 Page - Broadcom Corporation.

  HCMS-29X4 Datasheet HTML 1Page - Broadcom Corporation. HCMS-29X4 Datasheet HTML 2Page - Broadcom Corporation. HCMS-29X4 Datasheet HTML 3Page - Broadcom Corporation. HCMS-29X4 Datasheet HTML 4Page - Broadcom Corporation. HCMS-29X4 Datasheet HTML 5Page - Broadcom Corporation. HCMS-29X4 Datasheet HTML 6Page - Broadcom Corporation. HCMS-29X4 Datasheet HTML 7Page - Broadcom Corporation. HCMS-29X4 Datasheet HTML 8Page - Broadcom Corporation. HCMS-29X4 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Features
• Easy to use
• Interfaces directly with microprocessors
• 0.15” character height in 4, 8, and 16 (2×8) character
packages
• 0.20”character height in 4 and 8 character packages
• Rugged X- and Y-stackable package
• Serial input
• Convenient brightness controls
• Wave solderable
• Offered in five colors
• Low power CMOS technology
• TTL compatible
Applications
• Telecommunications equipment
• Portable data entry devices
• Computer peripherals
• Medical equipment
• Test equipment
• Business machines
• Avionics
• Industrial controls
Device Selection Guide
Description
Deep Red
HER
Orange
Yellow
Green
Package
Drawing
1
× 4 0.15”Character
HCMS-2905
HCMS-2902
HCMS-2904
HCMS-2901
HCMS-2903
A
1
× 8 0.15”Character
HCMS-2915
HCMS-2912
HCMS-2914
HCMS-2911
HCMS-2913
B
2
× 8 0.15”Character
HCMS-2925
HCMS-2922
HCMS-2924
HCMS-2921
HCMS-2923
C
1
× 4 0.20”Character
HCMS-2965
HCMS-2962
HCMS-2964
HCMS-2961
HCMS-2963
D
1
× 8 0.20”Character
HCMS-2975
HCMS-2972
HCMS-2974
HCMS-2971
HCMS-2973
E
ESD WARNING: STANDARD CMOS HANDLING PRECAUTIONS SHOULD BE OBSERVED TO AVOID STATIC DISCHARGE.
HCMS-29xx Series
High Performance CMOS 5
×7 Alphanumeric Displays
Data Sheet
Description
The HCMS-29xx series are high performance, easy
to use dot matrix displays driven by on-board CMOS
ICs. Each display can be directly interfaced with a
microprocessor, thus eliminating the need for cumber-
some interface components. The serial IC interface al-
lows higher character count information displays with a
minimum of data lines. A variety of colors, font heights,
and character counts gives designers a wide range of
product choices for their specific applications and the
easy to read 5
×7 pixel format allows the display of up-
percase, lower case, Katakana, and custom user-defined
characters. These displays are stackable in the x- and y-
directions, making them ideal for high character count
displays.


Similar Part No. - HCMS-29X4

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-29X4 HP-HCMS-29X4 Datasheet
287Kb / 16P
High Performance CMOS 5 x 7 Alphanumeric Displays
More results

Similar Description - HCMS-29X4

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCMS-29XX HP-HCMS-29XX Datasheet
138Kb / 16P
High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-39X6 HP-HCMS-39X6 Datasheet
123Kb / 22P
3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X2 HP-HCMS-39X2 Datasheet
123Kb / 22P
3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-29XX AVAGO-HCMS-29XX Datasheet
201Kb / 16P
High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-39X6 AVAGO-HCMS-39X6 Datasheet
454Kb / 22P
3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
High Performance CMOS 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2975 AVAGO-HCMS-2975_13 Datasheet
330Kb / 16P
High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-3901 AVAGO-HCMS-3901 Datasheet
187Kb / 18P
3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Broadcom Corporation.
HCMS-39XX BOARDCOM-HCMS-39XX Datasheet
255Kb / 18P
3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com