Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM3 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 37Page - ATMEL Corporation AT90PWM3 Datasheet HTML 38Page - ATMEL Corporation AT90PWM3 Datasheet HTML 39Page - ATMEL Corporation AT90PWM3 Datasheet HTML 40Page - ATMEL Corporation AT90PWM3 Datasheet HTML 41Page - ATMEL Corporation AT90PWM3 Datasheet HTML 42Page - ATMEL Corporation AT90PWM3 Datasheet HTML 43Page - ATMEL Corporation AT90PWM3 Datasheet HTML 44Page - ATMEL Corporation AT90PWM3 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 365 page
background image
41
AT90PWM2/3
4317B–AVR–02/05
Power-down with the exception that the Oscillator is kept running. From Standby mode,
the device wakes up in six clock cycles.
Notes:
1. Only recommended with external crystal or resonator selected as clock source.
2. Only level interrupt.
Power Reduction
Register
The Power Reduction Register, PRR, provides a method to stop the clock to individual
peripherals to reduce power consumption. The current state of the peripheral is frozen
and the I/O registers can not be read or written. Resources used by the peripheral when
stopping the clock will remain occupied, hence the peripheral should in most cases be
disabled before stopping the clock. Waking up a module, which is done by clearing the
bit in PRR, puts the module in the same state as before shutdown.
A full predictible behaviour of a peripheral is not guaranteed during and after a cycle of
stopping and starting of its clock. So its recommended to stop a peripheral before
stopping its clock with PRR register.
Module shutdown can be used in Idle mode and Active mode to significantly reduce the
overall power consumption. In all other sleep modes, the clock is already stopped.
Power Reduction Register -
PRR
• Bit 7 - PRPSC2: Power Reduction PSC2
Writing a logic one to this bit reduces the consumption of the PSC2 by stopping the
clock to this module. When waking up the PSC2 again, the PSC2 should be re initialized
to ensure proper operation.
• Bit 6 - PRPSC1: Power Reduction PSC1
Writing a logic one to this bit reduces the consumption of the PSC1 by stopping the
clock to this module. When waking up the PSC1 again, the PSC1 should be re initialized
to ensure proper operation.
• Bit 5 - PRPSC0: Power Reduction PSC0
Writing a logic one to this bit reduces the consumption of the PSC0 by stopping the
clock to this module. When waking up the PSC0 again, the PSC0 should be re initialized
to ensure proper operation.
Table 13. Active Clock Domains and Wake-up Sources in the Different Sleep Modes.
Active Clock Domains
Oscillators
Wake-up Sources
Sleep Mode
Idle
XXX
X
X
X
X
X
X
X
ADC Noise
Reduction
X
X
X
X
(2)
XX
X
X
Power-down
X
(2)
X
Standby
(1)
XX
(2)
X
Bit
765
4
3
2
1
0
PRPSC2
PRPSC1
PRPSC0
PRTIM1
PRTIM0
PRSPI
PRUSART
PRADC
PRR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com