Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM3 Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 41Page - ATMEL Corporation AT90PWM3 Datasheet HTML 42Page - ATMEL Corporation AT90PWM3 Datasheet HTML 43Page - ATMEL Corporation AT90PWM3 Datasheet HTML 44Page - ATMEL Corporation AT90PWM3 Datasheet HTML 45Page - ATMEL Corporation AT90PWM3 Datasheet HTML 46Page - ATMEL Corporation AT90PWM3 Datasheet HTML 47Page - ATMEL Corporation AT90PWM3 Datasheet HTML 48Page - ATMEL Corporation AT90PWM3 Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 365 page
background image
45
AT90PWM2/3
4317B–AVR–02/05
Figure 17. Reset Logic
Notes:
1. Values are guidelines only..
2. The Power-on Reset will not work unless the supply voltage has been below VPOT
(falling)
MCU Status
Register (MCUSR)
Brown-out
Reset Circuit
BODLEVEL [2..0]
Delay Counters
CKSEL[3:0]
CK
TIMEOUT
DATA BUS
Clock
Generator
Spike
Filter
Pull-up Resistor
Watchdog
Oscillator
SUT[1:0]
Power-on Reset
Circuit
Table 14. Reset Characteristics(1)
Symbol Parameter
Condition
Min.
(TBD)
Typ.
(TBD)
Max.
(TBD)Units
VPOT
Power-on Reset Threshold Voltage (rising)
TBD
TBD
V
Power-on Reset Threshold Voltage (falling)
(2)
TBD
TBD
V
VRST
RESET Pin Threshold Voltage
TBD
TBD
V
tRST
Minimum pulse width on RESET Pin
TBD
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com