Electronic Components Datasheet Search
  English  ▼

X  

FTK4503 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK4503
Description  High Power and current handing capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4503 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK4503 Datasheet HTML 1Page - First Silicon Co., Ltd FTK4503 Datasheet HTML 2Page - First Silicon Co., Ltd FTK4503 Datasheet HTML 3Page - First Silicon Co., Ltd FTK4503 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
Revision No : 0
FTK4503
2011. 11. 21
VGS=0V ID=250μA
N-Ch
30
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
P-Ch
-30
V
VDS=30V,VGS=0V
N-Ch
1
Zero Gate Voltage Drain Current
IDSS
VDS=-30V,VGS=0V
P-Ch
-1
μA
N-Ch
±100
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
P-Ch
±100
nA
ON CHARACTERISTICS (Note 3)
VDS=VGS,ID=250μA
N-Ch
1
1.9
3
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
P-Ch
-1
-1.8
-3
V
VGS=10V, ID=6.0A
N-Ch
22
28
VGS=-10V, ID=-6.0A
P-Ch
32
36
VGS=4.5V, ID=4A
N-Ch
38
42
Drain-Source On-State Resistance
RDS(ON)
VGS=-4.5V, ID=-4A
P-Ch
50
55
mΩ
VDS=10V,ID=6.0A
N-Ch
4
Forward Transconductance
gFS
VDS=-10V,ID=-6.0A
P-Ch
4
S
DYNAMIC PARAMETERS
N-Ch
770
Input Capacitance
Clss
P-Ch
1380
N-Ch
80
Output Capacitance
Coss
P-Ch
150
N-Ch
75
Reverse Transfer Capacitance
Crss
N-Ch
VGS=0V, VDS=25V, f=1MHz
P-Ch
VGS=0V, VDS=-25V, f=1MHz
P-Ch
140
pF
SWITCHING CHARACTERISTICS (Note 4)
N-Ch
5.0
Turn-on Delay Time
td(on)
P-Ch
8.0
nS
N-Ch
8.0
Turn-on Rise Time
tr
P-Ch
7.0
nS
N-Ch
18.5
Turn-Off Delay Time
td(off)
P-Ch
34
nS
N-Ch
9.0
Turn-Off Fall Time
tf
N-Ch
VDD=20V, RL=20Ω
VGEN=10V,RGEN=3Ω
P-Ch
VDD=-15V, RL=15Ω
VGEN=-10V,RGEN=3Ω
P-Ch
26
nS
N-Ch
13.5
Total Gate Charge
Qg
P-Ch
20
nC
N-Ch
1.4
Gate-Source Charge
Qgs
P-Ch
2
nC
N-Ch
4.7
Gate-Drain Charge
Qgd
N-Ch
VDS=24V,ID=6.0A,
VGS=4.5V
P-Ch
VDS=-24V,ID=-6A,
VGS=-4.5V
P-Ch
7
nC
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
DRAIN-SOURCE DIODE CHARACTERISTICS
VGS=0V,IS=1.7A
N-Ch
1.2
V
Diode Forward Voltage
VSD
VGS=0V,IS=-1.7A
P-Ch
-1.2
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com