Electronic Components Datasheet Search
  English  ▼

X  

FTK4503 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK4503
Description  High Power and current handing capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4503 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK4503 Datasheet HTML 1Page - First Silicon Co., Ltd FTK4503 Datasheet HTML 2Page - First Silicon Co., Ltd FTK4503 Datasheet HTML 3Page - First Silicon Co., Ltd FTK4503 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
Revision No : 0
FTK4503
2011. 11. 21
0.2
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
01
2
3
4
0
2
4
6
8
10
0
5
10
15
20
5
10
15
20
25
0
4
8
12
16
20
0
20
40
60
80
0
1
2
3
4
5
0
5
10
15
20
T
a=25
℃
Pulsed
T
a=25
℃
Pulsed
I
S
—— V
SD
T
a=25
℃
Pulsed
SOURCE TO DRAIN VOLTAGE V
SD
(V)
T
a=25
℃
Pulsed
T
a=25
℃
Pulsed
Transfer Characteristics
GATE TO SOURCE VOLTAGE V
GS
(V)
V
GS=4 5V
V
GS=10V
I
D
——
R
DS(ON)
DRAIN CURRENT I
D
(A)
N-Ch
Typical Characteristics
V
GS
——
R
DS(ON)
I
D=6.0A
GATE TO SOURCE VOLTAGE V
GS
(V)
V
GS=2 0V
V
GS=2 5V
V
GS=10V
7 0V
5 0V
4 5V
V
GS=3.0V
Output Characteristics
DRAIN TO SOURCE VOLTAGE V
DS
(V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com