Electronic Components Datasheet Search
  English  ▼

X  

FTK4701 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK4701
Description  40V NP Dual Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4701 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK4701 Datasheet HTML 1Page - First Silicon Co., Ltd FTK4701 Datasheet HTML 2Page - First Silicon Co., Ltd FTK4701 Datasheet HTML 3Page - First Silicon Co., Ltd FTK4701 Datasheet HTML 4Page - First Silicon Co., Ltd FTK4701 Datasheet HTML 5Page - First Silicon Co., Ltd FTK4701 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
40V N+P Dual Channel MOSFETs
Off Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
40
---
---
V
△BVDSS/△TJ BVDSSTemperatureCoefficient Referenceto25℃,ID=1mA --- 0.04 --- V/℃
IDSS
Drain-Source Leakage Current
VDS=40V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=32V , VGS=0V , TJ=125℃
---
---
10
uA
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±100
nA
On Characteristics
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V , ID=5A
---
24
32
mΩ
VGS=4.5V , ID=3A
---
32
45
mΩ
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1.0
1.8
2.5
V
△VGS(th) VGS(th)TemperatureCoefficient
---
-3
---
mV/℃
gfs
Forward Transconductance
VDS=10V , ID=3A
---
3.6
---
S
Dynamic and switching Characteristics
Qg
Total Gate Charge2 , 3
VDS=20V , VGS=4.5V , ID=3A
---
2.8
5.6
nC
Qgs
Gate-Source Charge2 , 3
---
0.5
1
Qgd
Gate-Drain Charge2 , 3
---
1.5
3
Td(on)
Turn-On Delay Time2 , 3
VDD=20V , VGS=4.5V , RG=25Ω
ID=1A
---
3.2
6
ns
Tr
Rise Time2 , 3
---
8.6
16
Td(off)
Turn-Off Delay Time2 , 3
---
18
36
Tf
Fall Time2 , 3
---
6
12
Ciss
Input Capacitance
VDS=15V , VGS=0V , F=1MHz
---
420
800
pF
Coss
Output Capacitance
---
65
120
Crss
Reverse Transfer Capacitance
---
40
80
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
VG=VD=0V , Force Current
---
---
6.7
A
ISM
Pulsed Source Current
---
---
13.4
A
VSD
Diode Forward Voltage
VGS=0V , IS=1A , TJ=25℃
---
---
1
V
N-CH Electrical Characteristics (TJ=25 ℃, unless otherwise)
noted
Drain-Source Diode Characteristics and Maximum Ratings
Note :
1.
Repetitive Rating : Pulsed width limited by maximum junction temperature.
2.
The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%.
3.
Essentially independent of operating temperature.
FTK4701
2018. 02. 27
2/6
Revision No : 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com