Electronic Components Datasheet Search
  English  ▼

X  

FTK4701 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK4701
Description  40V NP Dual Channel MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4701 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK4701 Datasheet HTML 1Page - First Silicon Co., Ltd FTK4701 Datasheet HTML 2Page - First Silicon Co., Ltd FTK4701 Datasheet HTML 3Page - First Silicon Co., Ltd FTK4701 Datasheet HTML 4Page - First Silicon Co., Ltd FTK4701 Datasheet HTML 5Page - First Silicon Co., Ltd FTK4701 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
40V N+P Dual Channel MOSFETs
Fig.6 Maximum Safe Operation Area
Fig.1 Continuous Drain Current vs. TC
Fig.2 Normalized RDSON vs. TJ
Fig.3 Normalized Vth vs. TJ
Fig.4 Gate Charge Waveform
Fig.5 Normalized Transient Impedance
TC , Case Temperature (℃)
TJ , Junction Temperature (℃)
Qg , Gate Charge (nC)
TJ , Junction Temperature (℃)
Square Wave Pulse Duration (s)
VDS , Drain to Source Voltage (V)
FTK4701
2018. 02. 27
3/6
Revision No : 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com