Electronic Components Datasheet Search
  English  ▼

X  

M7613 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # M7613
Description  DC PIR CONTROLLER WITH REMOTE CONTROL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M7613 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  M7613 Datasheet HTML 1Page - List of Unclassifed Manufacturers M7613 Datasheet HTML 2Page - List of Unclassifed Manufacturers M7613 Datasheet HTML 3Page - List of Unclassifed Manufacturers M7613 Datasheet HTML 4Page - List of Unclassifed Manufacturers M7613 Datasheet HTML 5Page - List of Unclassifed Manufacturers M7613 Datasheet HTML 6Page - List of Unclassifed Manufacturers M7613 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7/7
2004-04-26
DC PIR CONTROLLER
WITH REMOTE CONTROL
PIR CONTROLLER
M7613
一華半導體股份有限公司
MOSDESIGN SEMICONDUCTOR CORP.
( B ) PAIR WITH M3D-95
* All specs and applications shown above subject to change without prior notice.
(以上電路及規格僅供參考 ,本公司得逕行修正 )
C1
0.033uF
R1
820KΩ
C2
0.033uF
R2
820KΩ
C3
33uF/16V R3
15KΩ
C4
0.01uF
R4
15KΩ
C5
33uF/16V R5
680KΩ
R7
47 KΩ
R6
1.1MΩ
KEY SOUND
D0 Ding Dong - Ding Dong
D1 Ding Ding - Ding Ding
D2 West Minister
D3 For Alice
* Rosc ~ M7613=1.1 MΩ;M 3D-95=240 KΩ
M3D-95
VDD
X
Y
Rosc
VSS
DIN
OUT
VDD
1K
1
16
8
9
IR / RF
TEST
TEST3
A5
A0
A1
A2
A3
A4
A6
A7
VDD
1
0
1
0
1
0
A11/D3 A10/D2 A9/D1 A8/D0
0
0
0
1
0
0
1
0
0
1
0
0
1
0
0
0
A0
A1
A2
A3
R6
ROSC
VSS
VDD
1
0
VDD
DOUT
UOU1
M7613P
IR / RF
A11/D3
A10/D2
A9/D1
A8/D0
1
20
10
11
II1
VDD
C1
R1
C4
R3
C2
CDS
PIR
C3
NII1
R2
UOU2
II2
RTX
R5
CDS
C5
R4
RTI
R7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com