Electronic Components Datasheet Search
  English  ▼

X  

LM4185 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM4185
Description  P-Channe lEnhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM4185 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM4185 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4185 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4185 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4185 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM4185 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
General Description
These P-Channel enhancement mode power field
effect transistors are using trench DMOS technology.
This advanced technology has been especially tailored
to minimize on-state resistance, provide superior
switching performance, and withstand high energy
pulse in the avalanche and commutation mode. These
devices are well suited for high efficiency fast switching
applications.
Features
VDS
-40V
ID
(at VGS=-10V)
-40A
RDS(ON) (at VGS=-10V)
20mΩ(Max)
RDS(ON) (at VGS=-4.5V)
25mΩ(Max)
Absolute Maximum Ratings TA=25°C unless otherwise noted
Parameter
Symbol
Maximum
Units
Drain-Source Voltage
VDS
-40
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
TC=25°C
I
D
-40
A
TC=100°C
I
D
-2
7
A
Drain Current – Pulsed
IDM
-160
A
Maximum Power Dissipation
P
D
62
W
Junction and Storage Temperature Range
T
J,TSTG
-55 To 150
℃
Thermal Characteristics
Parameter
Symbol
Typ
Max
Unit
Thermal Resistance junction-case
R
θJc
3.6
℃
/W
Thermal Resistance unction-to-Ambient
R
θJA
62
℃
/W
D
G
S
D
G
S
TO252
LM4185
P-Channel Enhancement Mode Power MOSFET
Rev :
www.leiditech.com
01.06.2018
1/5


Similar Part No. - LM4185

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM4189 LEIDITECH-LM4189 Datasheet
504Kb / 5P
P-Channel MOSFET
More results

Similar Description - LM4185

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK3524 FUJI-2SK3524 Datasheet
98Kb / 4P
N-CHANNE SILLCON POWER MOSFET
logo
SeCoS Halbleitertechnol...
SSG4407PE SECOS-SSG4407PE Datasheet
130Kb / 2P
P-Channel Mode Power MOSFET
logo
New Jersey Semi-Conduct...
IRF450 NJSEMI-IRF450 Datasheet
136Kb / 3P
N-CHANNE POWER MOSFETS
logo
Kersemi Electronic Co.,...
KSM5N50 KERSEMI-KSM5N50 Datasheet
1Mb / 6P
500V N-CHANNE MOSFET
logo
SeCoS Halbleitertechnol...
SSG4825P SECOS-SSG4825P_15 Datasheet
700Kb / 4P
P-Channel Mode Power MOSFET
SSG4825PE SECOS-SSG4825PE_15 Datasheet
154Kb / 2P
P-Channel Mode Power MOSFET
logo
ZP Semiconductor
CJP02N80 ZPSEMI-CJP02N80 Datasheet
422Kb / 2P
N -Channe l Power MOSFET
logo
SHIKUES Electronics
2N7002KM SKTECHNOLGY-2N7002KM Datasheet
603Kb / 4P
N-channe l MOSFET
logo
Pan Jit International I...
PJA3416AE-AU PANJIT-PJA3416AE-AU Datasheet
2Mb / 6P
20V N-Channe lEnhancement Mode MOSFET – ESD Protected
May 5,2021 PJA3416AE-AU-REV.00
logo
Guangdong Youtai Semico...
BSS308PE UMW-BSS308PE Datasheet
434Kb / 8P
P-channe
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com