Electronic Components Datasheet Search
  English  ▼

X  

FTK4822D Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FTK4822D
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4822D Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTK4822D Datasheet HTML 1Page - First Silicon Co., Ltd FTK4822D Datasheet HTML 2Page - First Silicon Co., Ltd FTK4822D Datasheet HTML 3Page - First Silicon Co., Ltd FTK4822D Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2013.01. 22
4/4
FTK4822D
Revision No : 0
Typical Characteristics
0
2
4
6
8
10
0
4
8
12
16
20
Qg (nC)
Figure 7: Gate-Charge Characteristics
0
250
500
750
1000
1250
1500
0
5
10
15
20
25
30
VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
Coss
Crss
VDS=15V
ID=8.5A
VDS, Drain-Source Voltage (V)
Figure 9. Maximum Safe Operating Area
10
2
10
1
10
0
10
3
10
2
10
1
10
0
10
-1
Single Pulse
TC=25 C
TJ=150 C
RDS(ON)Limit
10ms
DC
100µs
1ms
10
-2
PDM
t1
t2
1. R甬JC (t)=r (t) * R甬JC
2. R甬JC=See Datasheet
3. TJM-TC = P* R甬JC (t)
4. Duty Cycle, D=t1/t2
10
0
Single Pulse
0.01
10
-1
10
-2
10
3
10
4
10
2
10
1
10
0
10
-1
0.02
0.05
0.1
0.2
D=0.5
Square Wave Pulse Duration (msec)
Figure 10. Normalized Thermal Transient Impedance Curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com