Electronic Components Datasheet Search
  English  ▼

X  

FTK4822D Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK4822D
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4822D Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK4822D Datasheet HTML 1Page - First Silicon Co., Ltd FTK4822D Datasheet HTML 2Page - First Silicon Co., Ltd FTK4822D Datasheet HTML 3Page - First Silicon Co., Ltd FTK4822D Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2013. 10. 22
1/4
SEMICONDUCTOR
TECHNICAL DATA
FTK4822D
Revision No : 0
D-PAK (TO-252)
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
L
6 50 ± 0 2
5 60 ± 0 2
5 20 ± 0 2
1 50 ± 0 2
2 70 ± 0 2
2 30 ± 0 1
1 00 MAX
2 30 ± 0 2
0 5 ± 0 1
0 50 ± 0 10
E
1 6 ± 0 2
O
A
C
I
J
H
F
F
L
1
2
3
1 GATE
2 DRAIN
3 SOURCE
0 95 MAX
Q
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
N-Channel MOSFET
DESCRIPTION
The FTK4822D uses advanced trench
te chnology to provide excellent
RDS(ON) and low gate charge.
This device is suitable for use as a load switch
or in PWM applications.
VDS (V) = 30V
ID = 36A (VGS = 10V)
RDS(ON) < 16mΩ (VGS = 10V)
RDS(ON) < 26mΩ (VGS = 4.5V)
FEATURES
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Value
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current (t
≤10s
I
)
1
e
t
o
n
(
)
D
36
A
Pulsed Drain Current (note 2)
IDM
144
A
Power Dissipation @ TC = 25 C
PD
42
W
Thermal Resistance from Junction to Ambient (t
≤10s) (note 1)
RθJA
50
℃/W
Junction Temperature
TJ
℃
Storage Temperature
TSTG
-55~+150
℃
Thermal Resistance, Junction-to-Case
3
RθJC
℃/W
-55~+150
(note 2)


Similar Part No. - FTK4822D

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK4822 FS-FTK4822 Datasheet
514Kb / 4P
Dual N-Channel MOSFET
More results

Similar Description - FTK4822D

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com