Electronic Components Datasheet Search
  English  ▼

X  

FTK4828F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK4828F
Description  N-Channel MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4828F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK4828F Datasheet HTML 1Page - First Silicon Co., Ltd FTK4828F Datasheet HTML 2Page - First Silicon Co., Ltd FTK4828F Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2014. 02. 10
1/3
SEMICONDUCTOR
TECHNICAL DATA
FTK4828F
Revision No : 0
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified)
N-Channel MOSFET
DESCRIPTION
The FTK4828F uses advancd trench technology to provide excellent
RDS(ON) and low gate charge.
This device is suitable for use as a load switch
or in PWM applications.
s
t
i
n
U
e
u
l
a
V
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
n
i
a
r
D
DS
V
0
6
V
e
g
a
t
l
o
V
e
c
r
u
o
S
-
e
t
a
G
GS
V
0
2
±
Continuous Drain Current (t
≤10s
I
)
1
e
t
o
n
(
)
D
2.0
A
P
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
C
W
0.5
Thermal Resistance from Junction to Ambient (t
≤10s) (note 1)
RθJA
250
℃/W
Power Dissipation *
PC
W
Avalanche Current (note 2)
IAR,IAS
19
A
Repetitive Avalenche Energy 0.1mH (note 2)
EAR,EAS
18
mJ
T
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
J
150
℃
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
STG
-55~ +150
℃
1. GATE
2. DRAIN
3. SOURCE
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45 0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.7 MAX
0.7 MIN
0.5 0.15/-0.10
SOT-89
C
J
G
D
A
C
K
F
MILLIMETERS
H
F
1
2
3
F
D
_
_
0.8*
*When mounted on a 40 × 40 × 0.7 mm alumina board.


Similar Part No. - FTK4828F

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK4828 FS-FTK4828 Datasheet
589Kb / 4P
Dual N-Channel MOSFET
FTK4828D FS-FTK4828D Datasheet
329Kb / 3P
N-Channel MOSFET
More results

Similar Description - FTK4828F

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com