Electronic Components Datasheet Search
  English  ▼

X  

FTK4828F Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK4828F
Description  N-Channel MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4828F Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK4828F Datasheet HTML 1Page - First Silicon Co., Ltd FTK4828F Datasheet HTML 2Page - First Silicon Co., Ltd FTK4828F Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2014.02. 10
3/3
FTK4828F
Revision No : 0
01
2
34
5
0
5
10
15
20
01
2
34
5
0
5
10
15
20
2
4
6
8
10
0
50
100
150
200
0
5
10
15
20
0
50
100
150
200
0.4
0.6
0.8
1.0
1.2
0.01
0.1
1
10
Pulsed
V
GS
= 4 5V
V
GS
= 5 0V
V
GS
= 10V
V
GS
= 4 0V
V
GS
= 3.5V
DRAIN TO SOURCE VOLTAGE
V
DS
(V)
Output Characteristics
T
a
=100℃
T
a
=25℃
V
DS
= 5V
Pulsed
Transfer Characteristics
GATE TO SOURCE VOLTAGE
V
GS
(V)
V
GS
R
DS(ON)
——
GATE TO SOURCE VOLTAGE
V
GS
(V)
T
a
=25℃
Pulsed
I
D
= 4.5A
T
a
=25℃
Pulsed
DRAIN CURRENT
I
D
(A)
V
GS
= 4 5V
V
GS
= 10V
——
I
D
R
DS(ON)
Typical Characteristics
T
a
=25℃
Pulsed
V
SD
I
S
——
SOURCE TO DRAIN VOLTAGE
V
SD
(V)
20
25
50
75
100
125
1.5
1.6
1.7
1.8
1.9
2.0
I
D
= 250uA
Threshold Voltage
AMBIENT TEMPERATURE
T
a
(
)
℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com