Electronic Components Datasheet Search
  English  ▼

X  

FTK4903D Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK4903D
Description  40V P-channel MOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4903D Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK4903D Datasheet HTML 1Page - First Silicon Co., Ltd FTK4903D Datasheet HTML 2Page - First Silicon Co., Ltd FTK4903D Datasheet HTML 3Page - First Silicon Co., Ltd FTK4903D Datasheet HTML 4Page - First Silicon Co., Ltd FTK4903D Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2017. 05. 10
1/5
SEMICONDUCTOR
TECHNICAL DATA
FTK4903D
Revision No : 0
Symbol
Parameter
Typ.
Max.
Unit
RθJC
Thermal Resistance Junction to Case
---
1.7
℃/W
RθJA
Thermal Resistance Junction to ambient
---
62
℃/W
BVDSS
RDSON
ID
-40V
15mΩ
-45A
These P-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
 -40V,-45A, RDS(ON) 15
mΩ@VGS = -10V
General Description
Features
Applications
Absolute Maximum Ratings (Tc=25℃ unless otherwise noted)
Thermal Characteristics
TO-252 Pin Configuration
G
D
S
S
D
G
40V P-channel MOS FET
 Fast switching
 Green Device Available
 Suit for -4.5V Gate Drive Applications
 MB / VGA / Vcore
 POL Applications
 Load Switch
 LED Application
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-40
V
VGS
Gate-Sou
rce Voltage
± 20
V
ID
Drain Current – Continuous (TC=25℃)
-45
A
Drain Current – Continuous (TC=100℃)
-28
A
IDM
Drain Current – Pulsed1
-180
A
EAS
Single Pulse Avalanche Energy2
130
mJ
IAS
Single Pulse Avalanche Current2
51
A
PD
Power Dissipation (TC=25℃)
73.5
W
Power Dissipation – Derate above 25℃
0.59
W/℃
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃


Similar Part No. - FTK4903D

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK4903 FS-FTK4903 Datasheet
884Kb / 5P
40V P-Channel MOSFETs
FTK4903P FS-FTK4903P Datasheet
759Kb / 5P
40V P-Channel MOSFETs
FTK4903Z FS-FTK4903Z Datasheet
1Mb / 5P
40V P-Channel MOSFETs
More results

Similar Description - FTK4903D

ManufacturerPart #DatasheetDescription
logo
MORE Semiconductor Comp...
MSP0405L MORESEMI-MSP0405L Datasheet
388Kb / 6P
-40V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP0405W MORESEMI-MSP0405W Datasheet
450Kb / 6P
-40V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP0406W MORESEMI-MSP0406W Datasheet
479Kb / 6P
-40V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP0413W MORESEMI-MSP0413W Datasheet
470Kb / 6P
-40V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP0440D MORESEMI-MSP0440D Datasheet
444Kb / 6P
40V(D-S) P-Channel Enhancement Mode Power MOS FET
MSP0470D MORESEMI-MSP0470D Datasheet
437Kb / 6P
-40V(D-S) P-Channel Enhancement Mode Power MOS FET
logo
First Silicon Co., Ltd
FTK13P02S FS-FTK13P02S Datasheet
753Kb / 4P
P Channel MOS FET
FTK14P02S FS-FTK14P02S Datasheet
604Kb / 4P
P Channel MOS FET
logo
Renesas Technology Corp
NP15P04SLG RENESAS-NP15P04SLG Datasheet
1Mb / 8P
-40V – -15A – P-channel Power MOS FET Application : Automotive
May. 20, 2022
NP20P04SLG RENESAS-NP20P04SLG Datasheet
1Mb / 8P
-40V – -20A – P-channel Power MOS FET Application : Automotive
Jun. 10, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com