Electronic Components Datasheet Search
  English  ▼

X  

FTK4903D Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK4903D
Description  40V P-channel MOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4903D Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK4903D Datasheet HTML 1Page - First Silicon Co., Ltd FTK4903D Datasheet HTML 2Page - First Silicon Co., Ltd FTK4903D Datasheet HTML 3Page - First Silicon Co., Ltd FTK4903D Datasheet HTML 4Page - First Silicon Co., Ltd FTK4903D Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2017.05. 10
3/5
FTK4903D
Revision No : 0
ELECTRICAL CHARACTERISTICS CURVES
Fig.3 Normalized Vth vs. TJ
Fig.4 Gate Charge Waveform
Fig.5 Normalized Transient Impedance
Fig.6 Maximum Safe Operation Area
Fig.1 Continuous Drain Current vs. TC
Fig.2 Normalized RDSON vs. TJ
-VDS , Drain to Source Voltage (V)
TJ , Junction Temperature (℃)
TC , Case Temperature (℃)
TJ , Junction Temperature (℃)
Qg , Gate Charge (nC)
Square Wave Pulse Duration (s)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com