Electronic Components Datasheet Search
  English  ▼

X  

FTK4953 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK4953
Description  High Power and current handing capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4953 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK4953 Datasheet HTML 1Page - First Silicon Co., Ltd FTK4953 Datasheet HTML 2Page - First Silicon Co., Ltd FTK4953 Datasheet HTML 3Page - First Silicon Co., Ltd FTK4953 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
Clss
550
PF
Output Capacitance
Coss
90
PF
Reverse Transfer Capacitance
Crss
VDS=-15V,VGS=0V,
F=1.0MHz
60
PF
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
td(on)
12
24
nS
Turn-on Rise Time
tr
3
6
nS
Turn-Off Delay Time
td(off)
22
44
nS
Turn-Off Fall Time
tf
VDD=-15V, ID =-1A
VGS=-10V,RGEN=6Ω
4
8
nS
Total Gate Charge
Qg
10
13
nC
Gate-Source Charge
Qgs
3.3
nC
Gate-Drain Charge
Qgd
VDS=-15V,
ID=-4.5A,VGS=-10V
1.8
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=-1.7A
-0.8
-1.2
V
Diode Forward Current (Note 2)
IS
-1.7
A
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300µs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing.
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
VIN
VOUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
td(on)
90%
tr
ton
90%
10%
toff
td(off)
tf
90%
VIN
VOUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
td(on)
90%
90%
tr
ton
90%
10%
toff
td(off)
tf
90%
Figure 2:Switching Waveforms
Rgen
Vin
G
Vdd
Rl
Vout
S
D
Vgs
Figure1:Switching Test Circuit
Square Wave Pluse Duration(sec)
Figure 3: Normalized Maximum Transient Thermal Impedance
2008. 12. 5
2/4
Revision No : 0
FTK4953



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com