Electronic Components Datasheet Search
  English  ▼

X  

FTK4964Z Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FTK4964Z
Description  40V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4964Z Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FTK4964Z Datasheet HTML 1Page - First Silicon Co., Ltd FTK4964Z Datasheet HTML 2Page - First Silicon Co., Ltd FTK4964Z Datasheet HTML 3Page - First Silicon Co., Ltd FTK4964Z Datasheet HTML 4Page - First Silicon Co., Ltd FTK4964Z Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
40V N-Channel MOSFETs
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
b
0.250
0.350
0.010
0.013
c
0.100
0.250
0.004
0.009
D
3.250
3.450
0.128
0.135
D1
3.000
3.200
0.119
0.125
D2
1.780
1.980
0.070
0.077
D3
0.130 REF
0.005 REF
E
3.200
3.400
0.126
0.133
E1
3.000
3.200
0.119
0.125
E2
2.390
2.590
0.094
0.102
e
0.650 BSC
0.026 BSC
H
0.300
0.500
0.011
0.019
L
0.300
0.500
0.011
0.019
L1
0.130 REF
0.005 REF
θ
0°
12°
0°
12°
M
0.150 REF
0.006 REF
PPAK3x3 PACKAGE INFORMATION
FTK4964Z
2018. 12. 17
5/5
Revision No : 0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com