Electronic Components Datasheet Search
  English  ▼

X  

FTK6965AP Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK6965AP
Description  60V P-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK6965AP Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK6965AP Datasheet HTML 1Page - First Silicon Co., Ltd FTK6965AP Datasheet HTML 2Page - First Silicon Co., Ltd FTK6965AP Datasheet HTML 3Page - First Silicon Co., Ltd FTK6965AP Datasheet HTML 4Page - First Silicon Co., Ltd FTK6965AP Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
60V P-Channel MOSFETs
Fig.1 Continuous Drain Current vs. TC
Fig.2 Normalized RDSON vs. TJ
Fig.3 Normalized Vth vs. TJ
Fig.4 Gate Charge Waveform
Fig.5 Normalized Transient Impedance
Fig.6 Maximum Safe Operation Area
TC , Case Temperature (℃)
TJ , Junction Temperature (℃)
TJ , Junction Temperature (℃)
Qg , Gate Charge (nC)
-VDS , Drain to Source Voltage (V)
Square Wave Pulse Duration (s)
2018. 11. 30
3/5
Revision No : 0
FTK6965AP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com