Electronic Components Datasheet Search
  English  ▼

X  

DS160PR421 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DS160PR421
Description  DS160PR421 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 2:1 Mux
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS160PR421 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DS160PR421 Datasheet HTML 10Page - Texas Instruments DS160PR421 Datasheet HTML 11Page - Texas Instruments DS160PR421 Datasheet HTML 12Page - Texas Instruments DS160PR421 Datasheet HTML 13Page - Texas Instruments DS160PR421 Datasheet HTML 14Page - Texas Instruments DS160PR421 Datasheet HTML 15Page - Texas Instruments DS160PR421 Datasheet HTML 16Page - Texas Instruments DS160PR421 Datasheet HTML 17Page - Texas Instruments DS160PR421 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
7 Detailed Description
7.1 Overview
The DS160PR421 is a four channel linear redriver with ingrated multiplexer (mux). The low-power high-
performance linear repeater or redriver is designed to support PCIe 1.0/2.0/3.0/4.0. The device is a protocol
agnostic linear redriver that can operate for interfaces up to 16 Gbps.
The DS160PR421 can be configured two different ways:
Pin Mode – device control configuration is done solely by strap pins. Pin mode is expected to be good enough
for many system implementation needs.
SMBus/I2C Slave Mode - provides most flexibility. Requires a SMBus/I2C master device to configure
DS160PR421 though writing to its slave address.
7.2 Functional Block Diagram
One of Four 1:2 Demultiplexer Modules
Shared Digital Core
Power-
On Reset
Always-On
10MHz
GAIN/SDA
RX_DET/SCL
Shared Digital
Voltage Regulator
VCC
VREG1,2
GND
CTLE
Control
Driver
Control
RX
Detect
Control
Select
mux
control
RXBnP
RXBnN
CTLE
RXAnP
RXAnN
CTLE
Linear
Driver
TXnP
TXnN
Term
Term
RX Detect
Term
DS160PR421
Redriver Mux 2:1
7.3 Feature Description
7.3.1 Linear Equalization
The DS160PR421 receivers feature a continuous-time linear equalizer (CTLE) that applies high-frequency boost
to help equalize the frequency-dependent insertion loss effects of the passive channel. Table 7-1 shows
available equalization boost through EQ control pins (EQ1 and EQ0), when in Pin Control mode (MODE = L0).
DS160PR421
SNLS686 – FEBRUARY 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DS160PR421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com