Electronic Components Datasheet Search
  English  ▼

X  

DS160PR421 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS160PR421
Description  DS160PR421 PCIe짰 4.0 16 Gbps 4-channel Linear Redriver with Integrated 2:1 Mux
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS160PR421 Datasheet(HTML) 2 Page - Texas Instruments

  DS160PR421 Datasheet HTML 1Page - Texas Instruments DS160PR421 Datasheet HTML 2Page - Texas Instruments DS160PR421 Datasheet HTML 3Page - Texas Instruments DS160PR421 Datasheet HTML 4Page - Texas Instruments DS160PR421 Datasheet HTML 5Page - Texas Instruments DS160PR421 Datasheet HTML 6Page - Texas Instruments DS160PR421 Datasheet HTML 7Page - Texas Instruments DS160PR421 Datasheet HTML 8Page - Texas Instruments DS160PR421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 6
6.1 Absolute Maximum Ratings ....................................... 6
6.2 ESD Ratings .............................................................. 6
6.3 Recommended Operating Conditions ........................6
6.4 Thermal Information ...................................................7
6.5 DC Electrical Characteristics ..................................... 7
6.6 High Speed Electrical Characteristics ........................8
6.7 SMBUS/I2C Timing Charateristics ............................. 9
6.8 Typical Characteristics.............................................. 11
7 Detailed Description......................................................14
7.1 Overview................................................................... 14
7.2 Functional Block Diagram......................................... 14
7.3 Feature Description...................................................14
7.4 Device Functional Modes..........................................16
7.5 Programming............................................................ 16
8 Application and Implementation.................................. 18
8.1 Application Information............................................. 18
8.2 Typical Applications.................................................. 18
9 Power Supply Recommendations................................23
10 Layout...........................................................................24
10.1 Layout Guidelines................................................... 24
11 Layout Example........................................................... 25
12 Device and Documentation Support..........................27
12.1 Receiving Notification of Documentation Updates..27
12.2 Support Resources................................................. 27
12.3 Trademarks.............................................................27
12.4 Electrostatic Discharge Caution..............................27
12.5 Glossary..................................................................27
13 Mechanical, Packaging, and Orderable
Information.................................................................... 28
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
February 2021
*
Initial release
DS160PR421
SNLS686 – FEBRUARY 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DS160PR421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com