Electronic Components Datasheet Search
  English  ▼

X  

HD3SS213ZXHR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS213ZXHR
Description  HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS213ZXHR Datasheet(HTML) 13 Page - Texas Instruments

Back Button HD3SS213ZXHR Datasheet HTML 9Page - Texas Instruments HD3SS213ZXHR Datasheet HTML 10Page - Texas Instruments HD3SS213ZXHR Datasheet HTML 11Page - Texas Instruments HD3SS213ZXHR Datasheet HTML 12Page - Texas Instruments HD3SS213ZXHR Datasheet HTML 13Page - Texas Instruments HD3SS213ZXHR Datasheet HTML 14Page - Texas Instruments HD3SS213ZXHR Datasheet HTML 15Page - Texas Instruments HD3SS213ZXHR Datasheet HTML 16Page - Texas Instruments HD3SS213ZXHR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
DAx(p)
DAx(n)
DBx(n)
DCx(p)
DCx(n)
HD3SS213
Dx_SEL
AUX_SEL
Control
Sink
Sink
Source
Copyright © 2016, Texas Instruments Incorporated
Figure 8-2. Switch Biased by the Source
8.2 Typical Applications
8.2.1 HD3SS213 AUX Channel in 2:1 Application
HD3SS213 2:1
Source A
Source B
AUXa(n)
AUXa(p)
AUXc(n)
AUXc(p)
Sink connector
AUXb(n)
AUXb(p)
Control
AUX_SEL
Dx_SEL
OE
100 K
100 K
Vdd
50 Ÿ
50 Ÿ
50 Ÿ
50 Ÿ
Vbias
Vbias
Vbias
Vbias
Copyright © 2016, Texas Instruments Incorporated
Figure 8-3. HD3SS213 AUX Channel in 2:1 Application Schematic
8.2.1.1 Design Requirements
Table 8-1 lists the design parameters.
www.ti.com
HD3SS213
SLAS901C – DECEMBER 2016 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: HD3SS213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com