Electronic Components Datasheet Search
  English  ▼

X  

HD3SS213ZXHR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS213ZXHR
Description  HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS213ZXHR Datasheet(HTML) 25 Page - Texas Instruments

Back Button HD3SS213ZXHR Datasheet HTML 21Page - Texas Instruments HD3SS213ZXHR Datasheet HTML 22Page - Texas Instruments HD3SS213ZXHR Datasheet HTML 23Page - Texas Instruments HD3SS213ZXHR Datasheet HTML 24Page - Texas Instruments HD3SS213ZXHR Datasheet HTML 25Page - Texas Instruments HD3SS213ZXHR Datasheet HTML 26Page - Texas Instruments HD3SS213ZXHR Datasheet HTML 27Page - Texas Instruments HD3SS213ZXHR Datasheet HTML 28Page - Texas Instruments HD3SS213ZXHR Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(0.5) TYP
(0.5) TYP
METAL
TYP
50X ( 0.28)
(R
) TYP
0.05
BGA MicroStar Jr - 1 mm max height
ZQE0050A
PLASTIC BALL GRID ARRAY
4221625/A 02/2015
NOTES: (continued)
5. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release.
TM
SYMM
SYMM
SOLDER PASTE EXAMPLE
BASED ON 0.1 mm THICK STENCIL
SCALE:20X
C
D
E
F
G
H
J
1
2
3
4
5
6
7
8
9
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com