Electronic Components Datasheet Search
  English  ▼

X  

HD3SS214 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS214
Description  HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS214 Datasheet(HTML) 12 Page - Texas Instruments

Back Button HD3SS214 Datasheet HTML 8Page - Texas Instruments HD3SS214 Datasheet HTML 9Page - Texas Instruments HD3SS214 Datasheet HTML 10Page - Texas Instruments HD3SS214 Datasheet HTML 11Page - Texas Instruments HD3SS214 Datasheet HTML 12Page - Texas Instruments HD3SS214 Datasheet HTML 13Page - Texas Instruments HD3SS214 Datasheet HTML 14Page - Texas Instruments HD3SS214 Datasheet HTML 15Page - Texas Instruments HD3SS214 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
The HD3SS214 is a 1:2/2:1 DP switch that supports 8.1 Gbps data rates and DP++. This switch is bi-directional,
so it can be used to switch two inputs to one output or one input to one of two outputs. In addition to main link
switching, this switch also supports AUX and DDC switching, which simplifies DP++ implementation. 3.3 V is
used to supply power to the switch.
8.2 Typical Application
8.2.1 Dual GPU With Docking Station Support
Many consumer devices require multiple video sources to be routed to multiple output sinks. One example of
these devices is a dual-GPU laptop with docking station support. The laptop has two video sources that can be
chosen: one low-power integrated GPU and one high-power discrete GPU. The video stream from one of these
sources needs to be routed to one of two outputs: the docking station port or the laptop DisplayPort video port.
In order to support this functionality, a high data rate, multi-input/multi-output switch system is required.
Figure 8-1. Dual GPU with Docking Station Support
8.2.2 Design Requirements
For this design example, use the parameters shown in Table 8-1.
Table 8-1. Design Parameters
PARAMETER
VALUE
VDD
3.3 V
Source
DP x1
Sink
DP x2
AUX_SEL Level
M
DP++ Support
No
HD3SS214
SLAS907C – DECEMBER 2015 – REVISED DECEMBER 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: HD3SS214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com