Electronic Components Datasheet Search
  English  ▼

X  

HD3SS214 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS214
Description  HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS214 Datasheet(HTML) 2 Page - Texas Instruments

  HD3SS214 Datasheet HTML 1Page - Texas Instruments HD3SS214 Datasheet HTML 2Page - Texas Instruments HD3SS214 Datasheet HTML 3Page - Texas Instruments HD3SS214 Datasheet HTML 4Page - Texas Instruments HD3SS214 Datasheet HTML 5Page - Texas Instruments HD3SS214 Datasheet HTML 6Page - Texas Instruments HD3SS214 Datasheet HTML 7Page - Texas Instruments HD3SS214 Datasheet HTML 8Page - Texas Instruments HD3SS214 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings (1) (2) ...............................5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics.............................................7
6.6 Electrical Characteristics, Device Parameters............ 7
6.7 Timing Requirements..................................................8
6.8 Typical Characteristics................................................ 8
7 Detailed Description........................................................9
7.1 Overview..................................................................... 9
7.2 Functional Block Diagram......................................... 10
7.3 Feature Description...................................................10
7.4 Device Functional Modes..........................................11
8 Application and Implementation.................................. 12
8.1 Application Information............................................. 12
8.2 Typical Application.................................................... 12
9 Power Supply Recommendations................................17
10 Layout...........................................................................18
10.1 Layout Guidelines................................................... 18
10.2 Layout Example...................................................... 19
11 Device and Documentation Support..........................21
11.1 Device Support........................................................21
11.2 Receiving Notification of Documentation Updates.. 21
11.3 Community Resources............................................21
11.4 Trademarks............................................................. 21
12 Mechanical, Packaging, and Orderable
Information.................................................................... 21
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from , to , (from Revision B (June 2017) to Revision C (December 2020))
Page
• Changed Title and Feature From: DisplayPort 1.3 To: DisplayPort 1.4.............................................................. 1
• NOTE: The device in the MicroStar Jr. BGA packaging were redesigned using a laminate nFBGA package.
This nFBGA package offers datasheet-equivalent electrical performance. It is also footprint equivalent to the
MicroStar Jr. BGA. The new package designator in place of the discontinued package designator will be
updated throughout the datasheet......................................................................................................................1
• Changed u*jr BGA to nFBGA............................................................................................................................. 1
• Changed u*jr ZQE to nFBGA ZXH..................................................................................................................... 3
• Changed DC2(p) to DC2(n) in Pin Functions..................................................................................................... 3
• Changed DC2(n) to DC2(p) in Pin Functions..................................................................................................... 3
• Changed u*jr ZQE to nFBGA ZXH. Updated thermal data.................................................................................5
Changes from Revision A (July 2016) to Revision B (June 2017)
Page
• Changed Title and Feature From: DisplayPort 1.3 To: DisplayPort 1.4.............................................................. 1
Changes from Revision * (December 2015) to Revision A (July 2016)
Page
• Changed DC2(p) to DC2(n) in Pin Functions..................................................................................................... 3
• Changed DC2(n) to DC2(p) in Pin Functions..................................................................................................... 3
HD3SS214
SLAS907C – DECEMBER 2015 – REVISED DECEMBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: HD3SS214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com