Electronic Components Datasheet Search
  English  ▼

X  

INA237AIDGST Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # INA237AIDGST
Description  INA237 85-V, 16-Bit, Precision Power Monitor With I2C Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA237AIDGST Datasheet(HTML) 26 Page - Texas Instruments

Back Button INA237AIDGST Datasheet HTML 22Page - Texas Instruments INA237AIDGST Datasheet HTML 23Page - Texas Instruments INA237AIDGST Datasheet HTML 24Page - Texas Instruments INA237AIDGST Datasheet HTML 25Page - Texas Instruments INA237AIDGST Datasheet HTML 26Page - Texas Instruments INA237AIDGST Datasheet HTML 27Page - Texas Instruments INA237AIDGST Datasheet HTML 28Page - Texas Instruments INA237AIDGST Datasheet HTML 29Page - Texas Instruments INA237AIDGST Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
7.6.1.10 Shunt Overvoltage Threshold (SOVL) Register (Address = Ch) [reset = 7FFFh]
If negative values are entered in this register, then a shunt voltage measurement of 0 V will trip this alarm. When
using negative values for the shunt under and overvoltage thresholds be aware that the over voltage threshold
must be set to the larger (that is, less negative) of the two values. The SOVL register is shown in Table 7-14.
Return to the Summary Table.
Table 7-14. SOVL Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
SOVL
R/W
7FFFh
Sets the threshold for comparison of the value to detect Shunt
Overvoltage (overcurrent protection). Two's complement value.
Conversion Factor: 5 µV/LSB when ADCRANGE = 0
1.25 µV/LSB when ADCRANGE = 1.
7.6.1.11 Shunt Undervoltage Threshold (SUVL) Register (Address = Dh) [reset = 8000h]
The SUVL register is shown in Table 7-15.
Return to the Summary Table.
Table 7-15. SUVL Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
SUVL
R/W
8000h
Sets the threshold for comparison of the value to detect Shunt
Undervoltage (undercurrent protection). Two's complement value.
Conversion Factor: 5 µV/LSB when ADCRANGE = 0
1.25 µV/LSB when ADCRANGE = 1.
7.6.1.12 Bus Overvoltage Threshold (BOVL) Register (Address = Eh) [reset = 7FFFh]
The BOVL register is shown in Table 7-16.
Return to the Summary Table.
Table 7-16. BOVL Register Field Descriptions
Bit
Field
Type
Reset
Description
15
Reserved
R
0h
Reserved. Always reads 0.
14-0
BOVL
R/W
7FFFh
Sets the threshold for comparison of the value to detect Bus
Overvoltage (overvoltage protection). Unsigned representation,
positive value only. Conversion factor: 3.125 mV/LSB.
7.6.1.13 Bus Undervoltage Threshold (BUVL) Register (Address = Fh) [reset = 0h]
The BUVL register is shown in Table 7-17.
Return to the Summary Table.
Table 7-17. BUVL Register Field Descriptions
Bit
Field
Type
Reset
Description
15
Reserved
R
0h
Reserved. Always reads 0.
14-0
BUVL
R/W
0h
Sets the threshold for comparison of the value to detect Bus
Undervoltage (undervoltage protection). Unsigned representation,
positive value only. Conversion factor: 3.125 mV/LSB.
INA237
SBOSA20 – FEBRUARY 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com