Electronic Components Datasheet Search
  English  ▼

X  

INA237AIDGST Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # INA237AIDGST
Description  INA237 85-V, 16-Bit, Precision Power Monitor With I2C Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA237AIDGST Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA237AIDGST Datasheet HTML 21Page - Texas Instruments INA237AIDGST Datasheet HTML 22Page - Texas Instruments INA237AIDGST Datasheet HTML 23Page - Texas Instruments INA237AIDGST Datasheet HTML 24Page - Texas Instruments INA237AIDGST Datasheet HTML 25Page - Texas Instruments INA237AIDGST Datasheet HTML 26Page - Texas Instruments INA237AIDGST Datasheet HTML 27Page - Texas Instruments INA237AIDGST Datasheet HTML 28Page - Texas Instruments INA237AIDGST Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
Table 7-13. DIAG_ALRT Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
13
SLOWALERT
R/W
0h
ALERT function is asserted on the completed averaged value.
This gives the flexibility to delay the ALERT after the averaged value.
0h = ALERT comparison on non-averaged (ADC) value
1h = ALERT comparison on Averaged value
12
APOL
R/W
0h
Alert Polarity bit sets the Alert pin polarity.
0h = Normal (Active-low, open-drain)
1h = Inverted (active-high, open-drain )
11-10
RESERVED
R
0h
Reserved. Always read 0.
9
MATHOF
R
0h
This bit is set to 1 if an arithmetic operation resulted in an overflow
error.
It indicates that current and power data may be invalid.
0h = Normal
1h = Overflow
Must be manually cleared by triggering another conversion or by
clearing the accumulators with the RSTACC bit.
8
RESERVED
R
0h
Reserved. Always read 0.
7
TMPOL
R/W
0h
This bit is set to 1 if the temperature measurement exceeds the
threshold limit in the temperature over-limit register.
0h = Normal
1h = Over Temp Event
When ALATCH =1 this bit is cleared by reading the DIAG_ALERT
register.
6
SHNTOL
R/W
0h
This bit is set to 1 if the shunt voltage measurement exceeds the
threshold limit in the shunt over-limit register.
0h = Normal
1h = Over Shunt Voltage Event
When ALATCH =1 this bit is cleared by reading the register.
5
SHNTUL
R/W
0h
This bit is set to 1 if the shunt voltage measurement falls below the
threshold limit in the shunt under-limit register.
0h = Normal
1h = Under Shunt Voltage Event
When ALATCH =1 this bit is cleared by reading the register.
4
BUSOL
R/W
0h
This bit is set to 1 if the bus voltage measurement exceeds the
threshold limit in the bus over-limit register.
0h = Normal
1h = Bus Over-Limit Event
When ALATCH =1 this bit is cleared by reading the register.
3
BUSUL
R/W
0h
This bit is set to 1 if the bus voltage measurement falls below the
threshold limit in the bus under-limit register.
0h = Normal
1h = Bus Under-Limit Event
When ALATCH =1 this bit is cleared by reading the register.
2
POL
R/W
0h
This bit is set to 1 if the power measurement exceeds the threshold
limit in the power limit register.
0h = Normal
1h = Power Over-Limit Event
When ALATCH =1 this bit is cleared by reading the register.
1
CNVRF
R/W
0h
This bit is set to 1 if the conversion is completed.
0h = Normal
1h = Conversion is complete
When ALATCH =1 this bit is cleared by reading the register or
starting a new triggered conversion.
0
MEMSTAT
R/W
1h
This bit is set to 0 if a checksum error is detected in the device trim
memory space.
0h = Memory Checksum Error
1h = Normal Operation
www.ti.com
INA237
SBOSA20 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: INA237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com