Electronic Components Datasheet Search
  English  ▼

X  

M8050 Datasheet(PDF) 3 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # M8050
Description  NPN Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

M8050 Datasheet(HTML) 3 Page - Jinan Jing Heng Electronics Co., Ltd.

  M8050 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. M8050 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. M8050 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. M8050 Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd. M8050 Datasheet HTML 5Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
JINAN JINGHENG ELECTRONICS CO., LTD.
5-3
HTTP://WWW.JINGHENG.CN
Characteristics(Typical)
M8050
hFE ─IC
COLLECTOR CURRENT IC (mA)
1
10
100
1000
Ta=25℃
Ta=100℃
VCE=1V
COLLECTOR-EMITTER VOLTAGE VCE (V)
0
1
2
3
4
5
100
1000
0
100
200
300
400
Static Characteristic
800uA
720uA
640uA
560uA
480uA
400uA
320uA
240uA
160uA
80uA
COMMON
EMITTER
Ta=25℃
10
VCEsat ─IC
VBEsat ─IC
COLLECTOR CURRENT IC (mA)
COLLECTOR CURRENT IC (mA)
0.2
1
10
100
1000
1
10
100
1000
0.6
0.8
1.0
1
10
100
1000
REVERSE VOLTAGE V (V)
COLLECTOR CURRENT IC (mA)
Cob/Cib ─VCD /VCV
fT ─IC
100
1000
10
1
10
40
VCE=6V
Ta=25℃
20
10
0.1
1
10
1
100
Ta=25℃
IE=0/IC=0
f=1MHZ
0.1
Ta=100℃
Ta=25℃
β=10
Ta=100℃
Ta=25℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com