Electronic Components Datasheet Search
  English  ▼

X  

M8050 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # M8050
Description  NPN Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

M8050 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  M8050 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. M8050 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. M8050 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. M8050 Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd. M8050 Datasheet HTML 5Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Unit
Conditions
Min
Max
Collector-Emitter Breakdown Voltage
V(BR)CEO
Collector-Base Breakdown Voltage
V(BR)CBO
Emitter-Base Breakdown Voltage
V(BR)EBO
Collector cut-off Current
ICBO
Collector cut-off Current
ICEO
Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
JINAN JINGHENG ELECTRONICS CO., LTD.
5-2
HTTP://WWW.JINGHENG.CN
ELECTRICAL CHARACTERISTICS(TA=25°C Unless otherwise specified)
V
V
V
nA
nA
DC Current Gain
Current Gain-Bandwidth Product
VCE(sat)
VBE(sat)
fT
V
V
MHZ
IC=1mA,IB=0
25
---
IC=100μA,IE=0
40
---
IE=100μA,IC=0
6
---
VCB=35V,IE=0
---
100
VCE=20V,IB=0
---
100
IC=20mA,VCE=6V
IC=100mA,VCE=1.0V
80
IC=800mA,VCE=1.0V
40
400
IC=800mA,IB=80mA
---
0.5
IC=800mA,IB=80mA
---
1.2
f=30MHZ
150
---
IC=5mA,VCE=1.0V
Rank
L
Range
80-300
H
300-400
45
---
---
Parameter
AVAILABALE PACK INFORMATION
Product code
Quantity
(Pcs/reel)
Reel Size
(mm)
Quantity
(pcs/carton)
M8050
3K
Φ180
30K
T/R
Pack
Quantity
(pcs/box)
120K
CLASSIFICATION OF h FE(2)
hFE(1)
hFE(2)
hFE(3)
M8050



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com