Electronic Components Datasheet Search
  English  ▼

X  

FTK7002 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK7002
Description  Small Signal MOSFET 300 mAmps, 60 Volts N?밅hannel SOT??3
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK7002 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK7002 Datasheet HTML 1Page - First Silicon Co., Ltd FTK7002 Datasheet HTML 2Page - First Silicon Co., Ltd FTK7002 Datasheet HTML 3Page - First Silicon Co., Ltd FTK7002 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2016. 04. 10
1/4
SEMICONDUCTOR
TECHNICAL DATA
FTK7002
Revision No : 2
Device
Marking
Shipping
ORDERING INFORMATION
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
60
Vdc
Drain–Gate Voltage (RGS= 1.0 MΩ)
VDGR
60
Vdc
Drain Current
– Continuous TC = 25
°C (Note 1.)
TC = 100
°C (Note 1.)
– Pulsed (Note 2.)
ID
ID
IDM
mAdc
Gate–Source Voltage
– Continuous
– Non–repetitive (tp≤50 µs)
VGS
VGSM
Vdc
Vpk
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR–5 Board
(Note 3.) TA= 25°C
Derate above 25℃
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
Total Device Dissipation
Alumina Substrate,(Note 4.) TA= 25°C
Derate above 25C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
-55 to
+150
°C
1. The Power Dissipation of the package may result in a lower continuous drain
current.
2. Pulse Test: Pulse Width≤300
µs, Duty Cycle≤2.0%.
3. FR–5 = 1.0 x 0.75 x 0.062 in.
4. Alumina = 0.4 x 0.3 x 0.025 in 99.5% alumina.
N–Channel SOT–23
•
±210
±1.4A
±20
±40
±300
Small Signal MOSFET
300 mAmps, 60 Volts
ESD Protected:1000V
•
•
We declare that the material of product are Halogen Free and
compliance with RoHS requirements.
FTK7002
702
3000 Tape & Reel
702
702
= Device Code
W
=Month Code
MARKING DIAGRAM
& PIN ASSIGNMENT
3
2
1
Gate
Source
Drain
3
2
1
(Top View)
Simplified Schematic
1
3
2
SOT– 23 (TO–236AB)


Similar Part No. - FTK7002

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK7002D FS-FTK7002D Datasheet
413Kb / 4P
Dual Small Signal MOSFET 115 mAmps, 60 Volts N-Channel SC-88
FTK7002EN FS-FTK7002EN Datasheet
291Kb / 5P
Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection
FTK7002K FS-FTK7002K Datasheet
370Kb / 6P
Small Signal MOSFET 380 mAmps, 60 Volts
FTK7002KDFN1006 FS-FTK7002KDFN1006 Datasheet
426Kb / 5P
Low On-Resistance
FTK7002T FS-FTK7002T Datasheet
680Kb / 5P
High density cell design for low RDS(ON)
More results

Similar Description - FTK7002

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
2N7002LT1 WILLAS-2N7002LT1 Datasheet
299Kb / 4P
Small Signal MOSFET 115 mAmps, 60 Volts N?밅hannel SOT??3
logo
Leshan Radio Company
L2N7002DMT1G LRC-L2N7002DMT1G Datasheet
522Kb / 6P
Small Signal MOSFET 115 mAmps, 60 Volts N?밅hannel SC??4
L2N7002KLT1G LRC-L2N7002KLT1G Datasheet
302Kb / 5P
Small Signal MOSFET 380 mAmps, 60 Volts N?밅hannel SOT??3
L2N7002LT1G LRC-L2N7002LT1G_11 Datasheet
151Kb / 4P
Small Signal MOSFET 115 mAmps, 60 Volts N?밅hannel SOT??3
L2SK801LT1G LRC-L2SK801LT1G Datasheet
161Kb / 4P
Small Signal MOSFET 310 mAmps, 60 Volts N?밅hannel SOT??3
L2N7002KDW1T1G LRC-L2N7002KDW1T1G Datasheet
602Kb / 6P
Small Signal MOSFET380 mAmps, 60 Volts N?밅hannel SC-88
L2N7002KWT1G LRC-L2N7002KWT1G Datasheet
505Kb / 6P
Small Signal MOSFET380 mAmps, 60 Volts N?밅hannel SC-70
logo
Shenzhen Huazhimei Semi...
HM7002DW HMSEMI-HM7002DW Datasheet
1Mb / 6P
Small Signal MOSFET115 mAmps, 60 Volts N?밅hannel SOT-363
logo
Leshan Radio Company
L2N7002KTT1G LRC-L2N7002KTT1G Datasheet
484Kb / 6P
Small Signal MOSFET 380 mAmps, 60 Volts N?밅hannel
logo
Shanghai Leiditech Elec...
2N7002KL LEIDITECH-2N7002KL Datasheet
963Kb / 6P
Small Signal MOSFET380 mAmps, 60 Volts N?밅hannel SOT-23
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com