Electronic Components Datasheet Search
  English  ▼

X  

FTK7002 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK7002
Description  Small Signal MOSFET 300 mAmps, 60 Volts N?밅hannel SOT??3
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK7002 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK7002 Datasheet HTML 1Page - First Silicon Co., Ltd FTK7002 Datasheet HTML 2Page - First Silicon Co., Ltd FTK7002 Datasheet HTML 3Page - First Silicon Co., Ltd FTK7002 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2016. 04. 10
3/4
FTK7002
Revision No : 2
Typical Performance Characteristics
5
4
1
0
0
0 .5
1
1 .5
2
V
2
3
, DRAIN-SOURCE VOLTAGE (V
9.0
4.0
8 0
3.0
7.0
= 10V
VGS
VDS
5.0
6.0
-5 0
-2 5
0
2 5
5 0
7 5
10 0
12 5
15 0
0 .5
0 .75
1
1 .25
1 .5
1 .75
2
T , JUNCTION T EMPERATURE ( C)
J
V
= 10V
I
= 500m A
-50
-25
0
2 5
5 0
7 5
10 0
12 5
15 0
0 .8
0 .8 5
0 .9
0 .9 5
1
1 .0 5
1 .1
T , JUNCTION TEM PERATU RE ( C)
J
I
= 1 m A
DS
V
= V
GS
0
0 .4
0 .8
1 .2
1 .6
2
0 .5
1
1 .5
2
2 .5
3
I
, DRA IN CURRENT (A)
V
=4.0V
D
7 .0
4 .5
1 0
5 .0
6 .0
9 .0
8 .0
0
0 .4
0 .8
1 .2
1 .6
2
0
0 .5
1
1 .5
2
2 .5
3
I
, DRAIN CURRENT (A)
T = 1 2 5 C
25 C
-55 C
D
V
V
V
GS
Figure 1. On-Region Characteristics
Figure 2. On-Resistance Variation with Gate
Voltage and Drain Current
Figure 3. On-Resistance Variation
with Temperature
Figure 4. On-Resistance Variation with Drain
Current and Temperature
h
ti
w
n
o
it
a
ir
a
V
d
l
o
h
s
e
r
h
T
e
t
a
G
.
6
e
r
u
g
i
F
s
c
it
s
ir
e
t
c
a
r
a
h
C
r
e
f
s
n
a
r
T
.
5
e
r
u
g
i
F
Temperature
0
1
8
2
0
0
0.4
0.8
1.2
1.6
2
4
6
, GATE TO SOURCE VOLTAGE (V
V
V
V
V
= 1 0
DS
GS
T
= -55 C
25 C
125 C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com