Electronic Components Datasheet Search
  English  ▼

X  

FTK7328 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK7328
Description  Dual P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK7328 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK7328 Datasheet HTML 1Page - First Silicon Co., Ltd FTK7328 Datasheet HTML 2Page - First Silicon Co., Ltd FTK7328 Datasheet HTML 3Page - First Silicon Co., Ltd FTK7328 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2013. 07. 5
2/4
Revision No : 0
FTK7328
Electrical characteristics (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static Characteristics
Drain Source Breakdown Voltage
V(BR)DSS VGS=0V,ID=-250µA
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS=-24V, VGS=0V
-15
µA
l
e
g
a
k
a
e
L
y
d
o
b
e
t
a
G
GSS
VDS=0V, VGS=±20V
±100
nA
Gate Threshold Voltage
VGS(th)
VDS =VGS, ID =-250µA
-1
-2.5
V
VGS =-10V, ID =-8A
21
Drain-Source on-state Resistance
(note 3)
RDS(on
)
VGS =-4.5V, ID =-6.8A
32
mΩ
Forward Transconductance
gFs
VDS =-10V, ID =-8A
12
S
Dynamic Characteristics (note 4)
C
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
iss
2675
Output Capacitance
Coss
409
Reverse Transfer Capacitance
Crss
VDS =-25V,VGS =0V,f =1MHz
262
pF
Q
e
g
r
a
h
C
e
t
a
G
l
a
t
o
T
g
78
Gate-Source Charge
Qgs
9.8
Q
e
g
r
a
h
C
n
i
a
r
D
-
e
t
a
G
gd
VDS =-15V,VGS =-10V,ID =-8A
8.3
nC
Turn-On Delay Time
td(on)
20
t
e
m
i
T
e
s
i
R
r
23
t
e
m
i
T
y
a
l
e
D
ff
O
-
n
r
u
T
d(off)
297
t
e
m
i
T
ll
a
F
f
VDD=-15V,RD=15Ω
ID =-1A,VGS=-10V,RG=6Ω
147
ns
Drain-Source Body Diode Characteristics
Diode Forward Voltage (note 3)
VSD
IS=-2A,VGS=0V
-1.2
V
Notes:
1. Repetitive rating : Pulse width limited by junction temperature.
2. Surface mounted on 1”×1” FR4 board,t≤10s.
3. Pulse Test : Pulse Width≤300µs, Duty Cycle ≤2%.
4. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com